Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 53 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 53 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 49Page - Texas Instruments AFE10004RGETEP Datasheet HTML 50Page - Texas Instruments AFE10004RGETEP Datasheet HTML 51Page - Texas Instruments AFE10004RGETEP Datasheet HTML 52Page - Texas Instruments AFE10004RGETEP Datasheet HTML 53Page - Texas Instruments AFE10004RGETEP Datasheet HTML 54Page - Texas Instruments AFE10004RGETEP Datasheet HTML 55Page - Texas Instruments AFE10004RGETEP Datasheet HTML 56Page - Texas Instruments AFE10004RGETEP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 159 page
background image
Table 7-2. I2C Page 2: DAC Configuration Register Map
ADDR
(HEX)
TYPE
FACTORY
(HEX)
BIT DESCRIPTION (Shaded Bits are not Stored in EEPROM)
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
00
R
00
0
0
0
DAC0[12:8]
DAC0 (high byte)
01
R
00
DAC0[7:0]
DAC0 (low byte)
02
R
00
0
0
0
DAC1[12:8]
DAC1 (high byte)
03
R
00
DAC1[7:0]
DAC1 (low byte)
04
R
00
0
0
0
DAC2[12:8]
DAC2 (high byte)
05
R
00
DAC2[7:0]
DAC2 (low byte)
06
R
00
0
0
0
DAC3[12:8]
DAC3 (high byte)
07
R
00
DAC3[7:0]
DAC3 (low byte)
08
R/W
00
X
X
X
DAC0OW[12:8]
DAC0 overwrite (high byte)
09
R/W
00
DAC0OW[7:0]
DAC0 overwrite (low byte)
0A
R/W
00
X
X
X
DAC1OW[12:8]
DAC1 overwrite (high byte)
0B
R/W
00
DAC1OW[7:0]
DAC1 overwrite (low byte)
0C
R/W
00
X
X
X
DAC2OW[12:8]
DAC2 overwrite (high byte)
0D
R/W
00
DAC2OW[7:0]
DAC2 overwrite (low byte)
0E
R/W
00
X
X
X
DAC3OW[12:8]
DAC3 overwrite (high byte)
0F
R/W
00
DAC3OW[7:0]
DAC3 overwrite (low byte)
10
R/W
00
X
X
X
CLM1OW[12:8]
CLAMP1 overwrite (high byte)
11
R/W
00
CLM1OW[7:0]
CLAMP1 overwrite (low byte)
12
R/W
00
X
X
X
CLM2OW[12:8]
CLAMP2 overwrite (high byte)
13
R/W
00
CLM2OW[7:0]
CLAMP2 overwrite (low byte)
18
R
00
0
0
0
CLM1[12:8]
CLAMP1 (high byte)
19
R
00
CLM1[7:0]
CLAMP1 (low byte)
1A
R
00
0
0
0
CLM2[12:8]
CLAMP2 (high byte)
1B
R
00
CLM2[7:0]
CLAMP2 (low byte)
20
R
00
0
0
0
DAC0LUT[12:8]
DAC0 LUT (high byte)
21
R
00
DAC0LUT[7:0]
DAC0 LUT (low byte)
22
R
00
0
0
0
DAC1LUT[12:8]
DAC1 LUT (high byte)
23
R
00
DAC1LUT[7:0]
DAC1 LUT (low byte)
24
R
00
0
0
0
DAC2LUT[12:8]
DAC2 LUT (high byte)
25
R
00
DAC2LUT[7:0]
DAC2 LUT (low byte)
26
R
00
0
0
0
DAC3LUT[12:8]
DAC3 LUT (high byte)
27
R
00
DAC3LUT[7:0]
DAC3 LUT (low byte)
30
R/W
00
X
X
X
BRDCST[12:8]
Broadcast (high byte)
31
R/W
00
BRDCST[7:0]
Broadcast (low byte)
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com