Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 39 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 35Page - Texas Instruments AFE10004RGETEP Datasheet HTML 36Page - Texas Instruments AFE10004RGETEP Datasheet HTML 37Page - Texas Instruments AFE10004RGETEP Datasheet HTML 38Page - Texas Instruments AFE10004RGETEP Datasheet HTML 39Page - Texas Instruments AFE10004RGETEP Datasheet HTML 40Page - Texas Instruments AFE10004RGETEP Datasheet HTML 41Page - Texas Instruments AFE10004RGETEP Datasheet HTML 42Page - Texas Instruments AFE10004RGETEP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
6.3.5.2.1 EEPROM Integrity Check
Before completing the EEPROM load sequence, a CRC error-check is performed by the device. The CRC
polynomial is x12 + x11 + x3 + x2 + x + 1. The CRC check result is reported through the EECRC bit. If a CRC
error is detected, the operating memory values are compromised; reset the device or burn the EEPROM again
for proper operation.
For added robustness, a single error correction and double error detection (SECDED) circuit based on the
Hamming code is added to data in the LUT pages (Page 4 and Page 5). The SECDED circuit uses four
Hamming code bits and a parity bit. The interleaved Hamming and LUT data are stored in EEPROM, and Table
6-10 shows these bits.
Table 6-10. Hamming Code and LUT Data Bits
DATA AND BIT POSITION
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Data and Hamming code bits in operating
memory
P
H3
H2
H1
H0
X
X
X
D7
D6
D5
D4
D3
D2
D1
D0
Data and Hamming code interleaved bits
X
X
X
D7
D6
D5
D4
H3
D3
D2
D1
H2
D0
H1
H0
P
The SECDED circuit checks the data integrity on every LUT register access. The parity bit (P) and four Hamming
code bits (H[3:0]) in the HAMM registers equal all zeros if no error is present in the associated LUT data register.
If P = 1 then a single error has been detected and corrected. The value in the H[3:0] bits represents the position
of the bit error with respect to the interleaved bits. For example, if P = 1 and H[3:0] = 0x5, an error is detected
and corrected in D1.
If P = 0 and H[3:0] ≠ 0, then a double error has been detected. No correction is done in this case.
Table 6-11 summarizes the device EEPROM integrity checks.
Table 6-11. Status of EEPROM Access
STATUS BIT NAME
DESCRIPTION
EECRC
0 = No CRC error detected.
1 = A CRC error is detected during a EEPROM load. The operating
memory data are compromised.
EERDY
0 = The EEPROM burn is in progress.
1 = The EEPROM burn is complete.
DED
0 = No double-bit error detected.
1 = A double-bit error is detected when accessing a LUT register in the
operating memory. The error is not corrected.
SED
0 = No single-bit error detected.
1 = A single-bit error is detected when accessing a LUT register in the
operating memory. The error is corrected.
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com