Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5516 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5516 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5516
Download  IP5516 Download
File Size   844.08 Kbytes
Page   17 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description TWS Bluetooth Earphone Charging Box SOC integrated with MCU

IP5516 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5516 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5516
Download  IP5516 Click to download

File Size   844.08 Kbytes
Page   17 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description TWS Bluetooth Earphone Charging Box SOC integrated with MCU

IP5516 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5516 Product details

Features
 Discharge
 Output capacity: 5V/300mA
 Up to 93%@5V/150mA discharge efficiency
of synchronous switch
 Built-in power path management supports
charging and discharging at the same time
 Charge
 Max 500mA linear charger, adjustable
charging current
 Adjusts charging current automatically to
adapt to different load capacity adapters
 Supports 4.20V, 4.30V 4.35V, 4.40V batteries
 Battery indicators
 Built-in 10bits ADC , accurate calculation of
battery capacity
 Supports 4/3/2/1 LED battery indicator
 Low-power dissipation
 Automatically detect earphone plugged-in/
plugged-out/charger-end, Automatically
enter standby mode
 Support detection of earphone
plug-in/plug-out independly
 Standby power consumption up to 25uA
minimum
 Simplified BOM
 Built-in power MOS, only a few peripheral
devices are needed in the complete charging
and discharging scheme
 Multiple protection, high reliability
 Output:over current and short circuit
protection
 Input:over voltage protection and Battery
over charged protection
 Over temperature protection
 Vin pin can withstand up to 15V(transient
voltage)
 ESD 4KV
 In-depth customization
 Flexible and low-cost customized program
 Package: QFN16 (4*4*0.75mm)

2. Applications
 TWS Bluetooth Earphone Charging Box
 Lithium Battery Portable Device

3. Description
IP5516 is a multi-functional power management
SOC for total solution on TWS Bluetooth Earphone
Charging Box. It integrates with 5V boost converter,
lithium battery charging management and battery
level indicators.
IP5516 is highly integrated with abundant
functions, which makes the total solution with
minimized-size and low-cost BOM.
The synchronous 5V-boost system of IP5516
provides rated 300mA output current with conversion
efficiency up to 93%. DC-DC converter operates at
1.5MHz frequency, can support low-cost inductors and
capacitors.
IP5516’s linear charger supplies max 500mA
charging current. With the change of IC temperature
and input voltage, IP5516 can automatically adjust the
charging current.
IP5516 can detects the TWS earphone
plug-in/plug-out in the Chargering Box independently.
While the earphone is put in the Chargering Box, it
enters the discharging mode automaticaly. When the
earphone is fully charged, the Chargering Box
automatically enters the sleep state, and the standby
current can be reduced to 30uA. The earphone’s
charge-end current can be Flexible and customizable,
such as 4mA or 8mA.
IP5516 can support 1/2/3/4 LED battery indicator,
The built-in 10bits ADC can accurately calculate the
Chargering Box’s battery capacity.
IP5516 is packaged with QFN16(4*4*0.75mm).




Similar Part No. - IP5516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP55 ETC2-IP55 Datasheet
138Kb / 1P
Switched Disconnects
logo
Bel Fuse Inc.
IP55 BEL-IP55 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
STEGO Elektrotechnik Gm...
IP55 STEGO-IP55 Datasheet
1Mb / 1P
PRESSURE COMPENSATION DEVICE
05.04.2023
logo
List of Unclassifed Man...
IP550 ETC2-IP550 Datasheet
317Kb / 3P
Cutting-edge SIP feature set meets Polycom HD Voice
logo
Injoinic Technology Co....
IP5506 INJOINIC-IP5506 Datasheet
1Mb / 16P
2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
V1.0 2018
More results


Similar Description - IP5516

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91590 FUJITSU-MB91590 Datasheet
1Mb / 2P
32-bit MCU with Integrated Graphics Controller SoC
logo
Cypress Semiconductor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Dialog Semiconductor
DA14586 DIALOG-DA14586 Datasheet
566Kb / 4P
Smallest, lowest power and most integrated Bluetooth 5 SoC with integrated Flash
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
Shenzhen Huazhimei Semi...
HM233B HMSEMI-HM233B Datasheet
1Mb / 12P
TWS Bluetooth headset dedicated touch IC
HM5811 HMSEMI-HM5811 Datasheet
350Kb / 6P
0.38A charging 0.7A discharging automatic switch machine Bluetooth charging stand SOC
HM233BD HMSEMI-HM233BD Datasheet
1Mb / 12P
TWS Bluetooth headset dedicated touch IC
HM5905 HMSEMI-HM5905 Datasheet
1Mb / 8P
1.5A charging high integrated mobile power SOC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com