Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMAD1663 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1663 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAD1663
Download  FMAD1663 Download
File Size   402.12 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Temperature Adapter 2.92mm Male to 2.92mm Male, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body

FMAD1663 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAD1663 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAD1663
Download  FMAD1663 Click to download

File Size   402.12 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Temperature Adapter 2.92mm Male to 2.92mm Male, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body

FMAD1663 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1663 Product details

Features:
• VSWR of 1.25:1 max
up to 40 GHz
• Gold over Nickel Plated
Beryllium Copper Contact




Similar Part No. - FMAD1663

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1660 FAIRVIEW-FMAD1660 Datasheet
483Kb / 3P
High Temperature Adapter Bulkhead 2.92mm Female to 2.92mm Female, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body
REV 1 A
FMAD1661 FAIRVIEW-FMAD1661 Datasheet
269Kb / 3P
High Temperature Adapter 2 Hole Flange 2.92mm Female to 2.92mm Female, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body
A
FMAD1662 FAIRVIEW-FMAD1662 Datasheet
411Kb / 3P
High Temperature Adapter 4 Hole Flange 2.92mm Female to 2.92mm Female, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1664 FAIRVIEW-FMAD1664 Datasheet
401Kb / 3P
High Temperature Adapter 2.92mm Male to 2.92mm Female, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1665 FAIRVIEW-FMAD1665 Datasheet
403Kb / 3P
High Temperature Adapter 2.92mm Female to 2.92mm Female, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
More results


Similar Description - FMAD1663

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.92mm Male Adapter
PE7024-1 PASTERNACK-PE7024-1_16 Datasheet
240Kb / 4P
1 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-3 PASTERNACK-PE7024-3_16 Datasheet
239Kb / 4P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-10 PASTERNACK-PE7024-10_16 Datasheet
240Kb / 4P
10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-20 PASTERNACK-PE7024-20_16 Datasheet
239Kb / 4P
20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-6 PASTERNACK-PE7046-6_16 Datasheet
237Kb / 3P
6 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-0 PASTERNACK-PE7088-0_16 Datasheet
277Kb / 5P
0 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-2 PASTERNACK-PE7088-2_16 Datasheet
271Kb / 5P
2 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-3 PASTERNACK-PE7088-3_16 Datasheet
272Kb / 5P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-30 PASTERNACK-PE7088-30_16 Datasheet
273Kb / 5P
30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com