Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMAD1663 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMAD1663
Description  High Temperature Adapter 2.92mm Male to 2.92mm Male, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMAD1663 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMAD1663 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMAD1663 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMAD1663 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1 Page 1 of 3
Copyright © 2020
2.92mm male to 2.92mm male adapter part number FMAD1663 from Fairview
Microwave is in-stock and ships same day. This Fairview 2.92mm to 2.92mm
adapter has a male to male gender configuration and is built of stainless steel
in a high temperature adapter design. FMAD1663 2.92mm male to 2.92mm
male adapter operates to 40 GHz. The Fairview Microwave RF adapter provides
excellent VSWR of 1.25:1 maximum. The 2.92mm connector mates mechanically
with commercially available SMA and 3.5mm connectors.
RF adapters can be used to enable connections between two connector types
that would otherwise not mate. Certain RF adapter configurations can also be
used to protect connectors on expensive equipment where the number of connect
and disconnect cycles is high. An RF, microwave, or millimeter wave adapter is
connected to the equipment and the commonly changed connection is made with
the adapter which can be easily replaced when it wears out after high usage;
such adapters are referred to as connector savers. Fairview Microwave also offers
bulkhead, panel mount, hermetically sealed, reverse polarity, and isolated ground
adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
40
GHz
VSWR
1.25:1
Insertion Loss
0.26
dB
Operating Voltage (AC)
250
Vrms
DWV (AC)
750
Vrms
Insulation Resistance
5,000
MOhms
RF Leakage
100
dB
Mechanical Specifications
Size
Length
0.85 in [21.59 mm]
Width
0.31 in [7.87 mm]
Height
0.31 in [7.87 mm]
.
Weight
0.01 lbs [4.54 g]
Description
Connector 1
Connector 2
Type
2.92mm Male
2.92mm Male
Polarity
Standard
Standard
Mating Cycles, Min
500
500
Hex Size
8 mm
8 mm
Mating Torque
11.47 in-lbs min
11.47 in-lbs min
[1.30 Nm] min
[1.30 Nm] min
Contact Captivation Axial Force, Min
4.9 lbs [2.22 kg]
4.9 lbs [2.22 kg]
Coupling Proof Torque
15 in-lbs [1.7 Nm]
15 in-lbs [1.7 Nm]
High Temperature Adapter 2.92mm Male to
2.92mm Male, 40GHz VSWR1.25, MIL-STD 348B with
Stainless Steel Body
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
•2.92mm Male Connector 1
•2.92mm Male Connector 2
•50 Ohm
•High Temperature Adapter De-
sign
•Straight Body Geometry
Features:
• VSWR of 1.25:1 max
up to 40 GHz
• Gold over Nickel Plated
Beryllium Copper Contact
Applications:
• General Purpose Test
FMAD1663
DATA SHEET


Similar Part No. - FMAD1663

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1660 FAIRVIEW-FMAD1660 Datasheet
483Kb / 3P
High Temperature Adapter Bulkhead 2.92mm Female to 2.92mm Female, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body
REV 1 A
FMAD1661 FAIRVIEW-FMAD1661 Datasheet
269Kb / 3P
High Temperature Adapter 2 Hole Flange 2.92mm Female to 2.92mm Female, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body
A
FMAD1662 FAIRVIEW-FMAD1662 Datasheet
411Kb / 3P
High Temperature Adapter 4 Hole Flange 2.92mm Female to 2.92mm Female, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1664 FAIRVIEW-FMAD1664 Datasheet
401Kb / 3P
High Temperature Adapter 2.92mm Male to 2.92mm Female, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1665 FAIRVIEW-FMAD1665 Datasheet
403Kb / 3P
High Temperature Adapter 2.92mm Female to 2.92mm Female, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
More results

Similar Description - FMAD1663

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.92mm Male Adapter
PE7024-1 PASTERNACK-PE7024-1_16 Datasheet
240Kb / 4P
1 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-3 PASTERNACK-PE7024-3_16 Datasheet
239Kb / 4P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-10 PASTERNACK-PE7024-10_16 Datasheet
240Kb / 4P
10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-20 PASTERNACK-PE7024-20_16 Datasheet
239Kb / 4P
20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-6 PASTERNACK-PE7046-6_16 Datasheet
237Kb / 3P
6 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-0 PASTERNACK-PE7088-0_16 Datasheet
277Kb / 5P
0 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-2 PASTERNACK-PE7088-2_16 Datasheet
271Kb / 5P
2 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-3 PASTERNACK-PE7088-3_16 Datasheet
272Kb / 5P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-30 PASTERNACK-PE7088-30_16 Datasheet
273Kb / 5P
30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com