Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMAD1663 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMAD1663
Description  High Temperature Adapter 2.92mm Male to 2.92mm Male, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMAD1663 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMAD1663 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMAD1663 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMAD1663 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Material Specifications
Description
Connector 1
Connector 2
Type
2.92mm Male
2.92mm Male
Contact Material
Beryllium Copper
Beryllium Copper
Contact Plating
Gold over Nickel
Gold over Nickel
Insulation Material
PEI
PEI
Body Material
Stainless Steel
Stainless Steel
Body Plating
Passivated
Passivated
Coupling Nut Material
Stainless Steel
Stainless Steel
Coupling Nut Plating
Passivated
Passivated
Environmental Specifications
Temperature
Operating Range
-50 to +170 deg C
Humidity
MIL-STD-202, Method 206
Thermal Shock
MIL-STD-202, Method 107, Condition B
Salt Spray
MIL-STD-202, Method 101, Condition B
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
High Temperature Adapter 2.92mm Male to 2.92mm Male, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body from
Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave products are available off-the-shelf
from our ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: High Temperature Adapter 2.92mm Male to
2.92mm Male, 40GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body FMAD1663
URL: https://www.fairviewmicrowave.com/high-temperature-adapter-2.92mm-male-to-2.92mm-male-adapter-mil-std-
202-method-206-40ghz-vswr1.25-mil-std-348b-with-stainless-steel-body-fmad1663-p.aspx
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1 Page 2 of 3
FMAD1663
DATA SHEET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com