Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRQ73-1R0-R Datasheet (PDF) - Eaton All Rights Reserved.

DRQ73-1R0-R Datasheet PDF - Eaton All Rights Reserved.
Part # DRQ73-1R0-R
Download  DRQ73-1R0-R Download
File Size   1650.77 Kbytes
Page   12 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Dual winding, shielded inductors/transformers

DRQ73-1R0-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DRQ73-1R0-R Datasheet PDF - Eaton All Rights Reserved.

Part # DRQ73-1R0-R
Download  DRQ73-1R0-R Click to download

File Size   1650.77 Kbytes
Page   12 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Dual winding, shielded inductors/transformers

DRQ73-1R0-R Datasheet (HTML) - Eaton All Rights Reserved.


DRQ73-1R0-R Product details

Applications
• As a transformer: SEPIC, flyback
• As an inductor: buck, boost, coupled inductor
• DC-DC Converters
• VRM inductor for CPU and DDR power supplies
• Input and output filter chokes

Product description
• Lead free, RoHS compliant
• 125°C maximum total operating
temperature
• Dual winding inductors that can be used
as either a single inductor, or in coupled
inductor/transformer applications
(1:1 turns ratio)
• Four sizes of shielded drum core
inductors
• Windings can be connected in series or
parallel, offering a broad range of
inductance and current ratings
• Peak current ratings from 0.13 to 56
amps
• RMS current ratings from 0.128 to 17.9
amps
• Inductance ratings from 0.33μH to
4.02mH
• Surface mount
• 200Vac Isolation between windings
• Ferrite core material




Similar Part No. - DRQ73-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DRQ73-1R0-R COOPER-DRQ73-1R0-R Datasheet
483Kb / 7P
Dual Winding, Shielded Inductors/Transformer
logo
Eaton All Rights Reserv...
DRQ73-1R0-R EATON-DRQ73-1R0-R Datasheet
918Kb / 10P
Dual winding, high power density, shielded drum core power inductors
More results


Similar Description - DRQ73-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
Dual Winding, Shielded Inductors/Transformer
logo
Bourns Electronic Solut...
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com