Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRQ73-1R0-R Datasheet(PDF) 8 Page - Eaton All Rights Reserved.

Part # DRQ73-1R0-R
Description  Dual winding, shielded inductors/transformers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DRQ73-1R0-R Datasheet(HTML) 8 Page - Eaton All Rights Reserved.

Back Button DRQ73-1R0-R Datasheet HTML 4Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 5Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 6Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 7Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 8Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 9Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 10Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 11Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 12Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.eaton.com/elx
8
Technical Data 4311
Effective April 2014
DRQ Series Dual winding,
shielded inductors/transformers
Packaging information - mm
DRQ73 Series
Supplied in tape and reel packaging,
1350 parts per reel, 13" diameter reel.
Direction of Feed
Ao=7.90mm
Bo=7.90mm
Ko=3.80mm
ACTUAL SIZE
DRQ73
SECTION A-A
A
A
Ko
Bo
B
2.00 ±0.1
4.00
Ø1.50 +0.1/-0.0
Ao
16.00
±0.3
7.50±0.1
1.75±0.10
Ø1.50 Min.
12.000
DRQ74 Series
Supplied in tape and reel packaging,
1100 parts per reel, 13" diameter reel.
Direction of Feed
Ao=7.90mm
Bo=7.90mm
Ko=4.70mm
ACTUAL SIZE
DRQ74
A
A
SECTION A-A
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
16.00
1.7
11.5
24.0
+/-0.3
B0
B
A0
DRQ125 Series
Supplied in tape and reel packaging,
600 parts per reel, 13" diameter reel.
Direction of Feed
Ao=13.00mm
Bo=13.00mm
Ko=6.30mm
ACTUAL SIZE
DRQ125
A
A
SECTION A-A
R0.3 max.
R0.5 TYP.
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
20.00
1.7
11.5
.
24.0
+/-0.3
B0
B
A0
DRQ127 Series
Supplied in tape and reel packaging,
350 parts per reel, 13" diameter reel.
Dimensions are in millimeters.
Direction of Feed
Ao=13.00mm
Bo=13.00mm
Ko=8.30mm
ACTUAL SIZE
DRQ127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com