Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRQ73-1R0-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # DRQ73-1R0-R
Description  Dual winding, shielded inductors/transformers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DRQ73-1R0-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  DRQ73-1R0-R Datasheet HTML 1Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 2Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 3Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 4Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 5Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 6Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 7Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 8Page - Eaton All Rights Reserved. DRQ73-1R0-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product description
• Lead free, RoHS compliant
• 125°C maximum total operating
temperature
• Dual winding inductors that can be used
as either a single inductor, or in coupled
inductor/transformer applications
(1:1 turns ratio)
• Four sizes of shielded drum core
inductors
• Windings can be connected in series or
parallel, offering a broad range of
inductance and current ratings
• Peak current ratings from 0.13 to 56
amps
• RMS current ratings from 0.128 to 17.9
amps
• Inductance ratings from 0.33μH to
4.02mH
• Surface mount
• 200Vac Isolation between windings
• Ferrite core material
Applications
• As a transformer: SEPIC, flyback
• As an inductor: buck, boost, coupled inductor
• DC-DC Converters
• VRM inductor for CPU and DDR power supplies
• Input and output filter chokes
Environmental data
• Storage temperature range (Component):
-40°C to +125°C
• Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise)
• Solder reflow temperature: J-STD-020D
compliant
Packaging:
• Supplied in tape and reel packaging (per reel):
- DRQ73 1350
- DRQ74 1100
- DRQ125 600
- DRQ127 350
Coiltronics DRQ Series
Dual winding, shielded inductors/transformers
Technical Data 4311
Effective April 2014
Supersedes December 2007
Coiltronics is now
part of Eaton
Same great
products plus
even more.
The Coiltronics brand of
magnetics (formerly of
the Bussmann Division of
Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
Pb


Similar Part No. - DRQ73-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DRQ73-1R0-R COOPER-DRQ73-1R0-R Datasheet
483Kb / 7P
Dual Winding, Shielded Inductors/Transformer
logo
Eaton All Rights Reserv...
DRQ73-1R0-R EATON-DRQ73-1R0-R Datasheet
918Kb / 10P
Dual winding, high power density, shielded drum core power inductors
More results

Similar Description - DRQ73-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
Dual Winding, Shielded Inductors/Transformer
logo
Bourns Electronic Solut...
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com