Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.0SMDJ-R Datasheet (PDF) - Bourns Electronic Solutions

5.0SMDJ-R Datasheet PDF - Bourns Electronic Solutions
Part # 5.0SMDJ-R
Download  5.0SMDJ-R Download
File Size   1156.82 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Transient Voltage Suppressor Diodes

5.0SMDJ-R Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMDJ-R Datasheet PDF - Bourns Electronic Solutions

Part # 5.0SMDJ-R
Download  5.0SMDJ-R Click to download

File Size   1156.82 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Transient Voltage Suppressor Diodes

5.0SMDJ-R Datasheet (HTML) - Bourns Electronic Solutions


5.0SMDJ-R Product details

Features
n Surface mount SMC package
n Standoff voltage: 12 to 30 volts
n Peak pulse power: 5000 watts
n Typical temperature coefficient:
DVBR = 0.1 % x VBR @ 25 °C x DT
n RoHS compliant* and halogen free**




Similar Part No. - 5.0SMDJ-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5.0SMDJ-28G-29 LUGUANG-5.0SMDJ-28G-29 Datasheet
2Mb / 4P
Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
YAGEO Corporation
5.0SMDJ-AT YAGEO-5.0SMDJ-AT Datasheet
479Kb / 9P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.4
logo
Shanghai Yint Electroni...
5.0SMDJ-H YINT-5.0SMDJ-H Datasheet
915Kb / 5P
Automotive and High Reliability TVS Diodes
logo
Bourns Electronic Solut...
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
Transient Voltage Suppressor Diode Series
More results


Similar Description - 5.0SMDJ-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
Transient Voltage Suppressor Diodes
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com