Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.0SMDJ-R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 5.0SMDJ-R
Description  Transient Voltage Suppressor Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5.0SMDJ-R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  5.0SMDJ-R Datasheet HTML 1Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 2Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 3Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 4Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 5Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5.0SMDJ-R SERIES
Transient Voltage Suppressor Diodes
*RoHS
COMPLIANT
&
**HAL
OGEN
FREE
www.bourns.com
TECHNICAL INVENTORY
SAMPLES
FOLLOW
CONTACT
LIBRARY
PRODUCT
SELECTOR
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Footprint
Dimension
SMC (DO-214AB)
A
6.60 - 7.11
(0.260 - 0.280)
B
5.59 - 6.22
(0.220 - 0.245)
C
2.90 - 3.20
(0.114 - 0.126)
D
0.15 - 0.31
(0.006 - 0.012)
E
7.75 - 8.13
(0.305 - 0.320)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.00 - 2.62
(0.079 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
Dimension
SMC (DO-214AB)
A (Max.)
4.69
(0.185)
B (Min.)
3.07
(0.121)
C (Min.)
1.52
(0.060)
DIMENSIONS:
MM
(INCHES)
Case................................................................Molded plastic per UL Class 94V-0
Polarity .................................. Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Physical Specifications
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/
disclaimer.pdf.
C
B
C
B
MM
(INCHES)
DIMENSIONS:
A
CATHODE BAND
(UNIDIRECTIONAL DEVICES ONLY)
G
H
E
F
D
A
C
B
C
B
MM
(INCHES)
DIMENSIONS:
A
CATHODE BAND
(UNIDIRECTIONAL DEVICES ONLY)
G
H
E
F
D
A
Moisture Sensitivity Level....................................................................................... 1
ESD Classification (HBM) .......................................................................................3B
Environmental Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com