Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.0SMDJ-R Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 5.0SMDJ-R
Description  Transient Voltage Suppressor Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5.0SMDJ-R Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  5.0SMDJ-R Datasheet HTML 1Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 2Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 3Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 4Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 5Page - Bourns Electronic Solutions 5.0SMDJ-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.0SMDJ-R SERIES
Transient Voltage Suppressor Diodes
*RoHS
COMPLIANT
&
**HAL
OGEN
FREE
www.bourns.com
TECHNICAL INVENTORY
SAMPLES
FOLLOW
CONTACT
LIBRARY
PRODUCT
SELECTOR
Packaging Specifications
The product will be dispensed in tape and reel format (see diagram below).
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P0
P1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Unidirectional
Product
Orientation
Leader
Start
d
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
SMC (DO-214AB)
13-Inch Reel
Carrier Width
A
6.0 ± 2.0
(0.236 - 0.079)
Carrier Length
B
8.3 ± 0.20
(0.327 ± 0.008)
Carrier Depth
C
2.5 ± 0.20
(0.098 ± 0.008)
Sprocket Hole
d
1.50 ± 0.10
(0.059 ± 0.004)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969) MIN.
Feed Hole Diameter
D2
13.0 +0.50/-0.20
(0.512 +0.020/-0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
7.50 ± 0.10
(0.295 ± 0.004)
Punch Hole Pitch
P
8.00 ± 0.10
(0.315 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.10
(0.079 ± 0.004)
Overall Tape Thickness
T
0.30 ± 0.10
(0.012 ± 0.004)
Tape Width
W
16.00 ± 0.30
(0.630 ± 0.012)
Reel Width
W1
22.4
(0.882) MAX.
Quantity per Reel
--
3,000
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/
disclaimer.pdf.
REV. 12/25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com