Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV20822 Datasheet (PDF) - Microchip Technology

HV20822 Datasheet PDF - Microchip Technology
Part # HV20822
Download  HV20822 Download
File Size   880.51 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Channel High-Voltage Analog Switch

HV20822 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV20822 Datasheet PDF - Microchip Technology

Part # HV20822
Download  HV20822 Click to download

File Size   880.51 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Channel High-Voltage Analog Switch

HV20822 Datasheet (HTML) - Microchip Technology


HV20822 Product details

Features
• 220V Operating Conditions
• 22Ω Typical Output On-Resistance
• 5V and 12V CMOS Logic Compatibility
• –10 μA Low Quiescent Current Consumption
• –45 dB Minimum Off Isolation at 7.5 MHz
• Low Parasitic Capacitance
• Excellent Noise Immunity
• Flexible High-Voltage Supplies

Applications
• Medical Ultrasound Imaging
• Piezoelectric Transducer Drivers

General Description
The HV20822 is a 220V, 16-channel high-voltage
analog switch integrated circuit (IC) configured as two
sets of eight single-pole, single-throw analog switches.
It is intended for use in applications requiring
high-voltage switching controlled by low-voltage control
signals, such as ultrasound imaging and printers.
The two sets of eight analog switches are controlled by
two input logic controls, DIN1 and DIN2. A logic high on
DIN1 will turn on Switches 0 to 7, and a logic high on
DIN2 will turn on Switches 8 to 15.




Similar Part No. - HV20822

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
16 Channel High Voltage Analog Switch
HV20822FG SUTEX-HV20822FG Datasheet
343Kb / 6P
16 Channel High Voltage Analog Switch
HV20822X SUTEX-HV20822X Datasheet
343Kb / 6P
16 Channel High Voltage Analog Switch
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
16-Channel, High Voltage Analog Switch
More results


Similar Description - HV20822

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
16 Channel High Voltage Analog Switch
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
16 Channel High Voltage Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
16-Channel, High Voltage Analog Switch
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
Low Harmonic Distortion 16-Channel High Voltage Analog Switch
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Maxim Integrated Produc...
MAX14866 MAXIM-MAX14866 Datasheet
643Kb / 23P
16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
Rev 0; 7/17
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
16-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14866 MAXIM-MAX14866_V01 Datasheet
632Kb / 23P
16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
19-100068; Rev 1; 4/18
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com