Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV20822 Datasheet (PDF) - Supertex, Inc

HV20822 Datasheet PDF - Supertex, Inc
Part # HV20822
Download  HV20822 Download
File Size   343.43 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 16 Channel High Voltage Analog Switch

HV20822 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV20822 Datasheet PDF - Supertex, Inc

Part # HV20822
Download  HV20822 Click to download

File Size   343.43 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 16 Channel High Voltage Analog Switch

HV20822 Datasheet (HTML) - Supertex, Inc


HV20822 Product details

General Description
The Supertex HV208 is a 220V 16-channel high-voltage analog switch integrated circuit (IC) configured as 2 sets of 8 single pole single throw analog switches. It is intended for use in applications requiring high voltage switching controlled by low voltage control signals such as ultrasound imaging and printers. The 2 sets of 8 analog switches are controlled by 2 input logic controls, DIN1 and DIN2. A logic high on DIN1 will turn ON switches 0 to 7 and a logic high on DIN2 will turn ON switches 8 to 15.

Features
❏ HVCMOS® technology for high performance
❏ 220V operating conditions
❏ Output On-resistance typically 22Ω
❏ 5.0V and 12.0V CMOS logic compatibility
❏ Very low quiescent power dissipation-10µA
❏ -45dB min off isolation at 7.5MHz
❏ Low parasitic capacitance
❏ Excellent noise immunity
❏ Flexible high voltage supplies




Similar Part No. - HV20822

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV20822 MICROCHIP-HV20822 Datasheet
880Kb / 18P
16-Channel High-Voltage Analog Switch
January 2026
HV20822FG-G MICROCHIP-HV20822FG-G Datasheet
880Kb / 18P
16-Channel High-Voltage Analog Switch
January 2026
HV20822FG-G-M931 MICROCHIP-HV20822FG-G-M931 Datasheet
880Kb / 18P
16-Channel High-Voltage Analog Switch
January 2026
logo
Supertex, Inc
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
16-Channel, High Voltage Analog Switch
More results


Similar Description - HV20822

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
16 Channel High Voltage Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
16-Channel, High Voltage Analog Switch
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
Low Harmonic Distortion 16-Channel High Voltage Analog Switch
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Maxim Integrated Produc...
MAX14866 MAXIM-MAX14866 Datasheet
643Kb / 23P
16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
Rev 0; 7/17
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
16-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14866 MAXIM-MAX14866_V01 Datasheet
632Kb / 23P
16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
19-100068; Rev 1; 4/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com