Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet (PDF) - STMicroelectronics

L6256 Datasheet PDF - STMicroelectronics
Part # L6256
Download  L6256 Download
File Size   258.68 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12V COMBO

L6256 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6256 Datasheet PDF - STMicroelectronics

Part # L6256
Download  L6256 Click to download

File Size   258.68 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12V COMBO

L6256 Datasheet (HTML) - STMicroelectronics


L6256 Product details

DESCRIPTION
The 12 Volt Combo chip is a combination spindle motor driver, voice coil driver and D/A converter. The part can be used in,application like HDD.
The VCM amplifiers drive a low impedance coil and are set up to accept RC compensation, which allows a wide bandwidth with absolute minimum phase lag. The sense resistor/amplifier arrangement allows full current loop operation. The loop gain is changeable by attenuating the VCM DAC voltage amplitude in cascadable stages.

OPERATING CONDITIONS
   VCC = 4.5 to 5.5V
   Vdd = 10.8 to 13.2V
   0°C < Tamb < 70°C.




Similar Part No. - L6256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
April 1999
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Apr-2000
L6258 STMICROELECTRONICS-L6258 Datasheet
314Kb / 32P
PWM controlled high current DMOS universal motor driver
22-Nov-2007
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Sep-2004
L6258E STMICROELECTRONICS-L6258E Datasheet
308Kb / 31P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
More results


Similar Description - L6256

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
650 Watts 12V
DS850-3 ASTEC-DS850-3 Datasheet
100Kb / 4P
850 Watts 12V
logo
AAEON Technology
EMB-BT1 AAEON-EMB-BT1 Datasheet
406Kb / 2P
12v dc power
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
RATING:DC 12V 50mA
TSS-TC-1193 SUNTAN-TSS-TC-1193 Datasheet
103Kb / 1P
RATING:DC 12V 50mA
TSS-TC-12XT SUNTAN-TSS-TC-12XT Datasheet
73Kb / 1P
RATING:DC 12V 50mA
logo
Leshan Radio Company
LP2323LT1G LRC-LP2323LT1G Datasheet
424Kb / 3P
12V P-Channel Enhancement MOSFET VDS =-12V
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
2V to 12V Input Range for 12V Output
2007
logo
Rosenberger Hochfrequen...
M2K211-1AE ROSENBERGER-M2K211-1AE Datasheet
799Kb / 2P
POWERSYSTEM CLIP 12V
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com