Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 3 Page - STMicroelectronics

  L6256 Datasheet HTML 1Page - STMicroelectronics L6256 Datasheet HTML 2Page - STMicroelectronics L6256 Datasheet HTML 3Page - STMicroelectronics L6256 Datasheet HTML 4Page - STMicroelectronics L6256 Datasheet HTML 5Page - STMicroelectronics L6256 Datasheet HTML 6Page - STMicroelectronics L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-pins
Rth j-amb
Thermal Resistance Junction-pins
Thermal Resistance Junction-ambient (*)
Max.
Max.
12
50
°C/W
°C/W
(*) Mounted on board with minimized dissipating copper area.
PIN DESCRIPTION
Pin #
Pin Name
Pin Description
Type
1
SP_B
Spindle Output, Ph B
Power/Output
2, 42
SP_P1, SP_P2
Spindle driver Supply
Power/Input
3
SP_C
Spindle Output, Ph C
Power/Output
4,44
SP_G1,SP_G2
Spindle Driver Ground
Power/Output
5
SP_CLK
Spindle Clock Input
Cmos/Input
6,7,29,39,40
GND
Power Ground
Ground/Heatsink
8
R_SLEW
Spindle Slew/FeedFwd Osc. Freq.
Analog/Input
9
POR_RC
Ext. POR Timing Cap.
Analog/Output
10
nPOR
POR Reset (Active LOW)
Cmos/BIO
11
PWM_IN
Spindle PWM Input
Cmos/Input
12
BEMF_DET
Spindle BEMF Output
Cmos/Output
13
SCLK
Serial Data Clock
Cmos/Input
14
SDIO
Bidirectional Serial Data I/O
Cmos/BIO
15
VCC
5V Digital Supply
Supply/Input
16
BYPASSC
Not to be used
-
17
5V_GND
5V Supply Ground
Ground/Output
18
CP_OUT
Charge Pump Pumping Cap
Analog/Output
19
CP_CAP
Charge Reservoir Cap
Analog/Input
20
QDRIVE
3.3V Regulator Base Drive
Analog/Output
21
VREG_IN
3.3V Regulator Voltage Feedback
Analog/IO
22
CUR_IN
3.3V Regulator Current Feedback
Analog/IO
23
B_OUT
VCM Driver Output, B
Power/Output
24
VC_PWR
VCM Drivers Supply
Power/Input
25
A_OUT
VCM Driver Output, A
Power/Output
26
I_VC
VCM Sense Amplifier Input
Analog/Input
27
PARK
VCM Park Pin
Analog/Input
28
CSELB
Chip Select
-
30
A_IN
VCM A-Amplifier Input
Analog/Input
31
IO_VC
VCM Sense Amplifier Output
Analog/Output
32
DAC
VCM DAC Command Output
Analog/Output
33
H_VPWR
VCM Vpwr/2 Reference Voltage
Analog/Output
34
VDD
12V Analog Supply
Supply/Input
35
REF_IN
Spindle Current Limit/Win Threshd
Analog/Input
36
PWM_DC
Spindle Filtered PWM Input
Analog/Input
37
FF_COMP
Spindle Feedforwd Ramp Generator
Analog/Input
38
SH_OUT
Spindle BEMF Sample/Hold
Analog/Output
41
C_TAP
Spindle Centre Tap
Analog/Input
43
SP_A
Spindle Output, Ph A
Power/Output
L6256
3/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com