Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 20Page - STMicroelectronics L6256 Datasheet HTML 21Page - STMicroelectronics L6256 Datasheet HTML 22Page - STMicroelectronics L6256 Datasheet HTML 23Page - STMicroelectronics L6256 Datasheet HTML 24Page - STMicroelectronics L6256 Datasheet HTML 25Page - STMicroelectronics L6256 Datasheet HTML 26Page - STMicroelectronics L6256 Datasheet HTML 27Page - STMicroelectronics L6256 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
CURRENT SENSE AMPLIFIER SPECIFICATIONS
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Current Amp Gain
Over Temp
2.35
2.4
2.45
V/V
Available Output Current
±600
µA
Current Amp CMRR
Including inductive
flyback range, to 25kHz
60
dB (1)
(1) Charge buildup on current amp input must not occur.
DAC SECTION SPECIFICATION
General Parameters
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Differential Non linearity
1LSB
Integral Non lineraity
Best Fit
2
LSB
PSRR
10 - 14V
60
dB
Settle Time
90%
0.5
1.2
µs
Output Voltage Span
Vmin to Vmax
±2.5
V
Voltage Span Tolerance
-7
+7
%
Output Amp Impedance
full temp
5
Ω
Output Short cct Current
output shorted
1
mA
Coding
2’s Complement
PARK SECTION SPECIFICATIONS
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Park Voltage
0.45
0.5
0.55
V
3.3V Voltage Regulator
VOLTAGE REGULATOR SPECIFICATIONS
Current Sense Comparator
Parameter
Test Conditions
Min.
Typ.
Max.
Units
DC Output Voltage
Tj = 0 to 160°C
3.135
+3.465
V
AC transient
1mA to full load
3%
of DC Out.
Volt. (3)
Vilimit (1)
Tj = 0 to 160°C
0.24
0.3
0.36
V
Foldback Current Limit Ratio (2)
Output Shorted to Ground
3:1
Ratio
(1) Vilimit is the voltage at which current limit begins to occur, as seen across Rcl (see block diagram) as measured by the UV detection oc-
curing.
(2) Foldback current limit prevents excessive power dissipation in the pass element under short circuit conditions. The ratio is the current
flowing at current limit when the pass element under short circuit conditions. The ratio is the current flowing at current limit when the pass
element is delivering full voltage (when UV first occurs), over the current in the pass element when the output is shorted to ground.
(3) DC and AC transient requirements may be mixed, as long as the total deviation from 3.3V does not exceed Dvreg as specified under the
critical specifications in section 6 of this specification.
DRIVER OUTPUT
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Output Current
VO < 3.5V
0.5
mA
Output High Voltage
I = -0.1mA, V = 5V
Vdd-2
V
Output Impedance
25°C
50
Ω
L6256
24/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com