Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics L6256 Datasheet HTML 13Page - STMicroelectronics L6256 Datasheet HTML 14Page - STMicroelectronics L6256 Datasheet HTML 15Page - STMicroelectronics L6256 Datasheet HTML 16Page - STMicroelectronics L6256 Datasheet HTML 17Page - STMicroelectronics L6256 Datasheet HTML 18Page - STMicroelectronics L6256 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
VCM Control Register
Address: 0001
Bit Function
Mnemonic
Bit #
Init State
R/W
Read 1 indicates:
VCM DAC attenuation
switches - 3 bits (5)d
1.5:1
ATT0
0
xxx
W
N/A
2:1
ATT1
1
xxx
W
N/A
4:1
ATT2
2
xxx
W
N/A
Thermal Limit
TH_LIM
3
0
Read
Th Limit
Register Park
RPARK
4
On
R/W
Park Delay is
Occuring (1)
Saturate Seek
SAT_SK
5
0
R/W
Driver Saturated (2)
VCM Tristate
VCM_3S
6
xxx
W
Tristated (3)
VCM loopback (read)
Done Disable (write) (6)
VCM_LP
DONE_DIS
7
7
xxx
Read
Write
Current
Outside
Window (4)
(1) Register park will not cause a brake to occur. The register park bit will also go low during a register brake, indicating to the firmware that
the brake sequence has been initiated.
(2) Saturated seek bit, when 1, will cause the VCM drivers to saturate, with the polarity of the sign bit in the VCM DAC register. A read of this
bit indicates that the commanded current differs from the actual current (output of the saturation comparator). NOTE: this is not just an
echo of the state of the written bit, but actually represents the true status of the VCM current loop.
(3) This bit tristates but leaves internal circuitry active for external test (ST), or is unused (Unitrode). The DONE_DIS bit has been moved
(see note 4).
(4) VCM loopback is optional. Use the saturated seek bit for test purposes. The DONE_DIS bit is used to end the park timer cycle, which
may be necessary if the chip is ever put into run mode at low speed.
(5) Exact attenuation ratios may vary slightly between manufacturers. See data sheets. Attenuators are now gated by ATT_EN, which is lo-
cated in S2 in the address space of the VCM register. IfATT_EN is high, the attenuation is set by the value in this register. If ATT_EN is
low, full gain (no attenuation) is selected. This allows rapid switching between low and high gain with the same write packet as that used
to write to the DAC.
(6) DONE_DIS MUST be cleared when entering run mode, or the park timer will stay off. This bit should never be used except during error
recovery.
Commutation Preload Register (CPR-Write only)
Address: 0011
Bit Function
Bit Address
Spindle ABC low enb (3 bits)
initial state: XXX (2)
A low enb
Bit 0
B low enb
Bit 1
C low enb
Bit 2
Spindle ABC high enb (3 bits)
initial state: XXX (2)
A high enb
Bit 3
B high enb
Bit 4
C high enb
Bit 5
Spare
Bit 6
Spare
Bit 7
NOTES:
- All bits become valid only on a rising SP_CLK edge, except CHB_ENB.
- Spindle high bits override low bits. Transition from low to high and vice versa are interlocked against simultaneous enables or momentary
shootthrough.
- An all 1’s pattern in this register, bits 0 through 5, causes the internal Commutation Counter to begin operation on the next SPIN_CLK input
edge. Any other pattern causes the spindle Commutation Counter to reset (BC\ state).
(1) CHB_ENB, when high (the POR and default condition), allows the back EMF chop blanking comparator to disable spindle PWM off peri-
ods during the A phase negative crossing (see back EMF detection section). Initial state varies between vendors.
(2) the 6 bits which determine the spindle driver must be set to all 1’s before entering run mode or the CCTR will not run.
L6256
15/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com