Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 10Page - STMicroelectronics L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics L6256 Datasheet HTML 13Page - STMicroelectronics L6256 Datasheet HTML 14Page - STMicroelectronics L6256 Datasheet HTML 15Page - STMicroelectronics L6256 Datasheet HTML 16Page - STMicroelectronics L6256 Datasheet HTML 17Page - STMicroelectronics L6256 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Table of Address Values
S0, S1, S2 always 1 - any other value indicates a
packet for use by another chip.
S2 may be used only as part of the VCM register
address, as ATT_EN.
Register
A0-3
R/W
VCM DAC
11xx
Write Only
Aux Control Register
0111
R/W
VCM Control Register
0001
R/W
Commutation Preload
Register (CPR)
0011
Write Only
Test Register (*)
1000
R/W
Status Register
0100
Read only
(*) represents revised specification.The test register is now imple-
mented in both chips
REGISTER BIT DEFINITIONS
All bits in the control registers are asserted (true)
when positive. The appropriate status bit answers
to the same address and bit location as the wri-
table bit which causes the action.
This means that when a read is performed, the
actual value read back is not just an echo from
the write register, but represents the status of the
function requested. In most cases this is a direct,
unlatched output from internal circuitry.
Most status bits are reset after being read once.
The control registers have control bits as follows:
Test conditions for serial port timing spec:
Parameter
From/To
Min.
Max.
Units
Tr, Tf
SCLK rise, fall
5
ns
Vdh
2.4
V
Vdl
0.8
V
Vch
2.4
V
Note: The serial port must meet these specifications up to the thermal shutdown temperature.
Figure 7. Serial Port Read Timing Waveforms
Figure 8. Serial Port Write Timing Waveforms
L6256
14/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com