Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics L6256 Datasheet HTML 10Page - STMicroelectronics L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics L6256 Datasheet HTML 13Page - STMicroelectronics L6256 Datasheet HTML 14Page - STMicroelectronics L6256 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Read and write clock rates may differ by as much
as 2:1. Clock rates may differ between different
chips using the bus.
A logic inversion may be used by other chips on
the bus. If this is done, use of the chip select line
after transmissions to the other chips is manda-
tory.
Chip Select
The external chip select masks out any incoming
data. When inactive, the serial port bit clocking
state machine is cleared, providing a resync
mechanism. The chip select may not change
states between every packet transmission, so it
should not be counted on as a continuous signal.
If the Dolphin is the only chip on the serial port,
the chip select will only be used an emergency re-
sync if the chip doesn’t answer queries.
If an address byte is received that is not ad-
dressed to the Dolphin while chip select is active,
the Dolphin will ignore the transmission.
A metal option in the chip select circuit will allow
for either polarity of active level. Present intention
is for an active high level on the chip select pin.
Logic Inversion on Serial Port
If a logic inversion is used by other chips on the
serial bus, the R/W bit will assume the wrong
state and the Dolphin state mechanism will lose
synchronization. In this situation, it will be manda-
tory for the processor to deassert the chip select
to mask the serial port data intended for the other
chip.
Typical bus waveforms are shown below, with the
resultant activity.
SCLK
SDIO
CSELB
A1DA2
D
wrong
address
1) Block Mode Write - To other chip
(A1 and A2 ignored)
2) Valid Writes to L6256
SCLK
SDIO
CSELB
A1
D
A2
D
B
(All Data Written)
D97IN588
Figure 5. Serial Port Chip Select Operation.
L6256
11/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com