Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 9Page - STMicroelectronics L6256 Datasheet HTML 10Page - STMicroelectronics L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics L6256 Datasheet HTML 13Page - STMicroelectronics L6256 Datasheet HTML 14Page - STMicroelectronics L6256 Datasheet HTML 15Page - STMicroelectronics L6256 Datasheet HTML 16Page - STMicroelectronics L6256 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Format for write to the Dolphin DAC:
Write:
10 Bits
to DAC
dead
cycle
Bit
R/W-
S0
S1
ATT_ENB
(*)
A0 (1)
A1
D8
D9
1 cycle
min
D0
D1
D2
D3
D4
D5
D6
D7
1 cycle
min
(*) indicates a change in the specification.
If the ATT_ENB is a 1, then the DAC output attenuation will be enabled, and the attenuation will be what-
ever has been previously written in the VCM control register (this may include no attenuation at all). If the
bit is 0, the attenuator is disabled and high gain is forced.
Format for write to all other Dolphin registers:
Write:
10 Bits
to DAC
dead
cycle
Bit
R/W-
S0
S1
S2
A0 (1)
A1
D8
D9
1 cycle
min
D0
D1
D2
D3
D4
D5
D6
D7
1 cycle
min
Format for write to the chips other than the 12V combo:
Write:
1Byte
dead
cycle
Bit
R/W-
S0S1
S2A0A1A2A3
none (1)
D0
D1
D2
D3
D4
D5
D6
D7
none (1)
(1) There may not be a dead cycle between write addresses and their data bits when data is addressed to another chip on the serial port.
NOTE: All registers are accessible during POR to allow for in circuit testing. Appropriate functional chip changes may be occurring during the
reset.
Serial Port Timing Specifications
Parameter
From/To
Min.
Typ.
Max.
Units
Tsetup
Vdh or Vdl to Vch
45
ns
Thold
SCLK high to
invalid SDIO, read
0ns
Tsuw
valid SDIO to
SCLK high
10
ns
Tholdw
SCLK high to
invalid SDIO, write
5ns
Tcsck
CSELB low to
first falling clock
133
ns (1)
Tcschigh
last rising clock to
133
ns (1)
CSELB high
(1) CSELB specifications apply to both read and write operations. Timing is only shown in the read operation digram.
Minimum Timing for non-dead bit operation:
Timing Parameter
Ref Point
Min.
Typ.
Max.
Units
Tsclklow
SCLK Vdl to Vdh
56
ns
Tsclkhigh
SCLK Vdh to Vdl
56
ns
Threshold voltage for SDIO, internal to Dolphin:
Vth
SDIO Logic
Threshold
1.0
1.2
1.7
V
L6256
13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com