Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 16Page - STMicroelectronics L6256 Datasheet HTML 17Page - STMicroelectronics L6256 Datasheet HTML 18Page - STMicroelectronics L6256 Datasheet HTML 19Page - STMicroelectronics L6256 Datasheet HTML 20Page - STMicroelectronics L6256 Datasheet HTML 21Page - STMicroelectronics L6256 Datasheet HTML 22Page - STMicroelectronics L6256 Datasheet HTML 23Page - STMicroelectronics L6256 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
output stage flyback diode voltage.
Off Time One Shot
The off time one shot guarantees that a minimum
off time occur in the output of the spindle PWM
waveforms. This prevents subharmonic cycling,
and prevents partial transition in the output wave-
form. Additionally, it provides a fixed time delay
which allows acurate synchronizing of the PWM
waveform with the commutation input (SP_CLK).
Finally, it prevents tolerance buildups in the cir-
cuitry because the PWM_DC circuitry can be de-
signed to allow higher than full scale voltage with-
out fear for causing audible subharmonics.
Output Comparator
This comparator produces the PWM chop duty
cycle for use within the spindle drivers, now cor-
rected for power supply variation.
On delay Comparator
The on delay comparator provides a warning sig-
nal for the back EMF detection circuit brackets
the worst part of the turnon transient that occurs
on the back emf detection winding.
Figure 10. Supply Feedforward Circuit Diagrams.
L6256
20/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com