Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 20Page - STMicroelectronics L6256 Datasheet HTML 21Page - STMicroelectronics L6256 Datasheet HTML 22Page - STMicroelectronics L6256 Datasheet HTML 23Page - STMicroelectronics L6256 Datasheet HTML 24Page - STMicroelectronics L6256 Datasheet HTML 25Page - STMicroelectronics L6256 Datasheet HTML 26Page - STMicroelectronics L6256 Datasheet HTML 27Page - STMicroelectronics L6256 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
RESYNC ALGORITHM
The firmware must use start mode to resync the
back EMF signal when attempting to resynchron-
ize the spindle speed. Please consult the Motion
Control Group for more details. The spinup algo-
rithm is available as a separate specification.
DESIGN FORMULAS
Spindle startup current
Spindle startup current is set up using the follow-
ing formula:
Imax = Rref
⋅
1.6
62.5k
in amps
The Vcc tolerances are added to the final design
value.
Back EMF window width
Window width is calculated for other than the
nominal conditions by ratioing the window voltage
against the current nominal design point:
tw
= 25 ⋅
Rref
Rref
+ Rref
⋅
62.5
+ 120
62.5
⋅
8V
Vemf
⋅
6000
RPM
Where:
Vemf is the nominal expected back emf to peak
voltage, RPM is the target RPM of the drive;
tw is the resultatnt window width.
If the window is too small or too large, transients
will affect the detection.
CHOPPING WAVEFORM
There is a requirement on the back EMF wave-
form. The chopping transients must die out be-
fore the waveform is sampled or speed errors will
result.
This puts limits on the damping resistors if pre-
sent, which depend on motor inductance, eddy
current losses and the like.
SH_OUT COMPONENTS
The SH_Out components must be designed so
that the rate of droop of the capacitor matches
the back EMF waveform at its negative going
zero crossing point when the drive is on speed.
Components for one part will work for the other
part, but voltage waveforms are scaled differently
between the two parts.
The SH_Out resistor should be as large as possi-
ble. This minimizes the internal impedances and
sample/hold errors. 100K is the nominal design
point.
Additional design
formuals are included in the
applications notes for each vendor’s parts and in
Western Digital’s internal application notes.
L6256
26/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com