Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics L6256 Datasheet HTML 10Page - STMicroelectronics L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics L6256 Datasheet HTML 13Page - STMicroelectronics L6256 Datasheet HTML 14Page - STMicroelectronics L6256 Datasheet HTML 15Page - STMicroelectronics L6256 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Figure 6. Serial Port Chip Select Operation.
Transfer Protocol Formats
Read:
3 Bytes
dead
cycle
Bit #
012
34567
clock #
123
45678
Bit
R/W-
S0
S1
S2
R0
R1
R2
R3
1 cycle
min (1)
Reply:
Bit
D0
(null)
D1
D2
D3
D4
D5
D6
D7
Bit
D8
(null)
D9
D10
D11
D12
D13
D14
D15
(1) normally, this dead cycle time is met by the serial port turnaround delay time.
Format for write to the Dolphin DAC, 12V Combo Compatible mode:
Write:
10 Bits
to DAC
dead
cycle
Bit
R/W-
S0
S1
S2
A0 (1)
A1
D8
D9
1 cycle
min
D0
D1
D2
D3
D4
D5
D6
D7
1 cycle
min
L6256
12/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com