Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 14Page - STMicroelectronics L6256 Datasheet HTML 15Page - STMicroelectronics L6256 Datasheet HTML 16Page - STMicroelectronics L6256 Datasheet HTML 17Page - STMicroelectronics L6256 Datasheet HTML 18Page - STMicroelectronics L6256 Datasheet HTML 19Page - STMicroelectronics L6256 Datasheet HTML 20Page - STMicroelectronics L6256 Datasheet HTML 21Page - STMicroelectronics L6256 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Spindle Logic Interface Specifications
The digital interface to the controller chip has the following specifications:
Parameter
Min.
Max.
Units
SP_CLK, Voh
VCC-0.8
V
SP_CLK, Vol
0.5
V
EMF_Det Vit+
0.7 VCC
V
EMF_Det Vit-
0.2Vcc
V
EMF_Det Hysteresis
0.1VCC
0.3VCC
V
EMF_Det Iil
-1
µA
EMF_Det Iih
1
µA
EMF_Det Load
30pF, 1.6mA
The SP_CLK is a CMOS output. The EMF_Det input is a schimitt trigger with the specified thresholds
and leakage currents.
Vpwr Blocking Diode
The blocking diode in the Vpwr line is optionally a non-schottky part. If this occurs, schottkys should be
used in the charge pump to provide the proper voltage at minimum supply. If regular diodes are used in
both places, the part is functional (at 10% increased Rdson in all drivers) at the lowered Vpwr voltage.
Figure 9a. Run Mode Spindle Voltage Waveforms
Figure 9b. Start Mode Spindle Voltage Waveforms
L6256
18/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com