Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6256 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 2Page - STMicroelectronics L6256 Datasheet HTML 3Page - STMicroelectronics L6256 Datasheet HTML 4Page - STMicroelectronics L6256 Datasheet HTML 5Page - STMicroelectronics L6256 Datasheet HTML 6Page - STMicroelectronics L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics L6256 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
UPPER AND LOWER SPINDLE DRIVERS
The
spindle
drivers
provide
commutation
switches. Internal inductive flyback protection is
provided, dumping the energy into Vpwr node.
This protection network also provides the energy
transfer to the VCM to allow parking after power
is lost.
The high/low and low/high slew rate of the drivers
during run mode is controlled by the R_Slew pin
to ensure that cross conduction with the lower
drivers does not occur, and that excessive volt-
age slew rates are not produced. Provisions are
made to drive inductive loads due to the possible
filtering requirements. Windings must be damped
with suitable external resistors to allow back EMF
to be detected through the chopping waveform.
INDUCTIVE CLAMP CIRCUIT
The inductive clamp is applied to the motor pins
to prevent the energy from the spindle motor coils
from producing excessive voltages on the part,
when the spindle drivers are tristated or when
commutation occurs.
Back Emf Detect
The back EMF voltage from the spindle motor is
monitored by a sample/hold circuit.
First order
slope compensation, set by the value of Rsh and
Csh on the SH_Out pin, is used to reduce jitter.
Sampling will occur during the spindle PWM on
time, and hold during the off time and the
ON_DELAY time. Slope compensation must be
optimized for operation at run speed.
During
startup, the zero crossings are detected from all
three phases. During run, only the falling edge of
phase A is useful for timing. A very small amount
of hysteresis is provided to prevent noise glitches.
A fixed offset of approximately Vebias millivolts is
internally introduced to the comparator during
start mode.
The inductive flyback pulse must be masked by
the width of the SP_CLK pulse provided by the
Western Digital controller chip. The width of this
pulse is affected by motor speed and current, as
well as inductance.
Additional back EMF conditioning circuitry is be-
ing provided by Western Digital’s digital controller
chip. The back EMF_Det pin is masked for ap-
proximately 1/4 of the expected commutation cy-
cle, and is latched to prevent multiple transitions.
At power on reset, BEMF_Det is tristated to allow
for in circuit testing.
During run mode, the Ref_In pin sets a prequali-
fier comparator voltage level, which enables the
zero crossing detection circuit about 20
µs ahead
of the actual position. Once speed has been sta-
bilized, the spindle phase advance is used to ad-
just the EMF crossing to be coherent with the
PWM timing. This is done by observing the output
of the preqalifier comparator and comparing it
with the ON_DELAY signal internal to the chip.
This output comparison is provided through the
serial port.
Feedforward Compensation (FFWD Comp)
Any VPWR variations are nulled out by the ra-
tiometric adjustment of the PWM duty cycle. This
circuit converts the fixed processor PWM fre-
quency down to a frequency determined by the
R_Slew resistor and the FF_Comp capacitor.
This frequency is very constant over the entire
specified supply voltage range.
VCM Section
VCM DAC
The VCM DAC buffer brings the VCM_DAC out-
put up to the required drive capability. A 10 bit
monotonic DAC is provided for the VCM.
ATTENUATOR SWITCHES
These provide variable attenuators for the VCM
current control loop, settable from the control reg-
ister. Attenuation settings are cascadable in bi-
nary form, thus requiring 1 bit for each attenuator.
Ratios of 1.5:1, 2:1 and 4:1 give the additional
combinatorial gains of 3:1 (1.5*2), 6:1 (1.5*4), 8:1
(2*4) and 12:1 (all 3 attenuators on simultane-
ously). Attenuator gain ratios are not precisely
controlled relative to one another and differ
slightly between manufacturers.
An overall attenuator enable bit has been added
to the VCM_DAC register address field. If this bit
is a 1 (Combo compatible mode), then the attenu-
ators are enabled. If the bit is a 0, then full gain is
requested. This enables the VCM_DAC write to
accomplish a complete gain shift and DAC write
in a single serial port operation (2 bytes).
LEVEL SHIFT
The level shift circuitry shifts the center voltage of
the VCM current command up to approximately
half of the supply voltage, to provide for symmet-
ric operation of the VCM power amplifiers.
The reference voltage output is a high impedance
input point of approximately Rref ohms to allow
for external bypassing.
VCM AMPLIFIERS
The VCM amplifiers are complementary class AB
output amplifiers, with Bout having higher gain
than the Aout amplifier.
This ensures uniform
saturation in either direction.
L6256
6/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com