Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5292 Datasheet (PDF) - Analog Devices

ADRF5292 Datasheet PDF - Analog Devices
Part # ADRF5292
Download  ADRF5292 Download
File Size   673.4 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Isolation, Silicon SP4T, Nonreflective Switch, 0.1GHz to 13GHz

ADRF5292 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5292 Datasheet PDF - Analog Devices

Part # ADRF5292
Download  ADRF5292 Click to download

File Size   673.4 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Isolation, Silicon SP4T, Nonreflective Switch, 0.1GHz to 13GHz

ADRF5292 Datasheet (HTML) - Analog Devices


ADRF5292 Product details

FEATURES
► Frequency range: 100MHz to 13GHz
► Nonreflective, 50Ω design
► Low insertion loss
► 1.3dB to 7GHz typical
► 1.6dB to 13GHz typical
► High isolation
► 46dB to 7GHz typical
► 40dB to 13GHz typical
► High power handling (average)
► 34dBm through path
► 24dBm terminated path
► 32dBm hot switching (RFC)
► High input linearity
► P0.1dB: 34.5dBm typical
► IP3: 61dBm typical
► Fast RF settling time 0.1dB: 230ns
► Single positive supply: 3.3V to 5V
► CMOS-/LVTTL-compatible
► 20-lead, 3mm × 3mm, LFCSP




Similar Part No. - ADRF5292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5203 AD-ADRF5203 Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5203BCCZN AD-ADRF5203BCCZN Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5203BCCZN-R7 AD-ADRF5203BCCZN-R7 Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5238 AD-ADRF5238 Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
ADRF5238BCRZN AD-ADRF5238BCRZN Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
More results


Similar Description - ADRF5292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
logo
Will Semiconductor Ltd.
WS7804Q WILLSEMI-WS7804Q Datasheet
1Mb / 6P
0.1GHz ??3GHz SP4T Antenna Switch
logo
Analog Devices
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com