Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAC Datasheet (PDF) - COSEL CO., LTD.

NAC Datasheet PDF - COSEL CO., LTD.
Part # NAC
Download  NAC Download
File Size   331.5 Kbytes
Page   2 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description High-attenuation type of common mode noise from 150kHz to 1MHz

NAC Datasheet (PDF)

Go To PDF Page Download Datasheet
NAC Datasheet PDF - COSEL CO., LTD.

Part # NAC
Download  NAC Click to download

File Size   331.5 Kbytes
Page   2 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description High-attenuation type of common mode noise from 150kHz to 1MHz

NAC Datasheet (HTML) - COSEL CO., LTD.


NAC Product details

Features of NAC series
High-attenuation type of common mode noise from 150kHz to 1MHz
- Single Phase 250 VAC
- Push down type terminal block




Similar Part No. - NAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAC-04-472 ETC2-NAC-04-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-06-472 ETC2-NAC-06-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
AC FILTER
logo
List of Unclassifed Man...
NAC-10-472 ETC2-NAC-10-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-16-472 ETC2-NAC-16-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
More results


Similar Description - NAC

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
ECS21P2750 ABCO-ECS21P2750 Datasheet
526Kb / 4P
COMMON MODE NOISE FILTERS
logo
Panasonic Semiconductor
EXC24CH500U PANASONIC-EXC24CH500U Datasheet
287Kb / 5P
Common mode Noise Filters
EXC-24CE900U PANASONIC-EXC-24CE900U Datasheet
81Kb / 2P
Common mode Noise Filters
logo
List of Unclassifed Man...
NAC-16-472 ETC2-NAC-16-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
logo
New Japan Radio
NSTS1414 NJRC-NSTS1414 Datasheet
104Kb / 4P
390MHz High Attenuation Type
NSTS1415 NJRC-NSTS1415 Datasheet
109Kb / 4P
420MHz High Attenuation Type
logo
TE Connectivity Ltd
20EHZ6 TEC-20EHZ6 Datasheet
301Kb / 2P
Designed to provide good attenuation from 10kHz to 30MHz
logo
Panasonic Semiconductor
EXC24CD600U PANASONIC-EXC24CD600U Datasheet
136Kb / 1P
Common mode Noise Filter
logo
TDK Electronics
RSKN-2006 TDK-RSKN-2006 Datasheet
925Kb / 5P
Wide band, high attenuation from low frequency to high frequency
logo
Panasonic Semiconductor
EXCX4CT PANASONIC-EXCX4CT Datasheet
66Kb / 2P
Common mode Noise Filters
00 Sep. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com