Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAC Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # NAC
Description  High-attenuation type of common mode noise from 150kHz to 1MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

NAC Datasheet(HTML) 1 Page - COSEL CO., LTD.

  NAC Datasheet HTML 1Page - COSEL CO., LTD. NAC Datasheet HTML 2Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NF-36
NAC series
High-attenuation type of common mode noise from 150kHz to 1MHz
NAC -10 -472 -O
Ordering information
1
Model Name
2
Rated Current
3
Line to ground capacitor code:See table 1.1.
table1.1 Line to ground capacitor code
Code
Leakage Current
(Input 125/250V 60Hz)
Line to ground
capacitor
(nominal value)
681
75.5 A/ 150 A max
680pF
102
0.13mA/ 0.25mA max
1000pF
222
0.25mA/ 0.5 mA max
2200pF
332
0.38mA/ 0.75mA max
3300pF
472
0.5 mA/ 1.0 mA max
4700pF
*
When the line to ground capacitor code is
different, the attenuation characteristic is
different.
4
Options
D :DIN rail installation type
*The dimensions change when the option is set.
Refer to External view.
1
2
3
4
Specifications
No.
Items
NAC-04-472
NAC-06-472
NAC-10-472
NAC-16-472
NAC-20-472
NAC-30-472
1
Rated Voltage[V]
AC 1f 250 / DC250
2
Rated Current[A]
4
6
10
16
20
30
3
Test Voltage (Terminal-Mounting Plate)
2,500 VAC (Cutoff Current = 20mA), 1minute at room temperature and humidity
4
Isolation Resistance (Terminal-Mounting Plate)
500 VDC 100MW min at room temperature and humidity
5
Leakage current 125/250V 60Hz
0.5mA/1.0mA max
6
Voltage drop
1.0V max
7
Safety agency approval temperatures
-25 to +85C (Refer to Derating Curve)
8
Operating temperature
-40 to +85C (Refer to Derating Curve)
9
Operating humidity
20 to 95%RH (Non condensing)
10
Storage temperature/humidity
-40 to +85C/20 to 95%RH (Non condensing)
11
Vibration
10 to 55Hz, 19.6m/s2 (2G), 3min. Period, 1hour each X, Y and Z axis
12
Impact
196.1m/s2 (20G), 11ms Once each X, Y and Z axis
13
Safety agency approvals
UL1283, CSA C22.2 No.8 (C-UL), DIN EN60939 VDE0565 Teil3-1, ENEC (At only AC input)
14
Case size (without projection) /Weight
53X41X92 mm [2.09X1.61X3.62 inches] (WXHXD) /300g max (Option : -D refer to external view)
Features of NAC series
Circuit Diagram
Derating Curve
LINE
Case
: Mounting Plate
1
2
4
3
CY
CY
CY : Line to ground capacitor
LOAD
High-attenuation type of common mode noise from 150kHz to 1MHz
-
Single Phase 250 VAC
-
Push down type terminal block
R
90
50
60
70
80
20
0
-4040
-30-20
100
80
60
40
55
Ambient Temperature [C]
DIN rail installation type is option
The terminal cover is retracted inside the unit


Similar Part No. - NAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAC-04-472 ETC2-NAC-04-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-06-472 ETC2-NAC-06-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
AC FILTER
logo
List of Unclassifed Man...
NAC-10-472 ETC2-NAC-10-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-16-472 ETC2-NAC-16-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
More results

Similar Description - NAC

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
ECS21P2750 ABCO-ECS21P2750 Datasheet
526Kb / 4P
COMMON MODE NOISE FILTERS
logo
Panasonic Semiconductor
EXC24CH500U PANASONIC-EXC24CH500U Datasheet
287Kb / 5P
Common mode Noise Filters
EXC-24CE900U PANASONIC-EXC-24CE900U Datasheet
81Kb / 2P
Common mode Noise Filters
logo
List of Unclassifed Man...
NAC-16-472 ETC2-NAC-16-472 Datasheet
192Kb / 3P
High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
logo
New Japan Radio
NSTS1414 NJRC-NSTS1414 Datasheet
104Kb / 4P
390MHz High Attenuation Type
NSTS1415 NJRC-NSTS1415 Datasheet
109Kb / 4P
420MHz High Attenuation Type
logo
TE Connectivity Ltd
20EHZ6 TEC-20EHZ6 Datasheet
301Kb / 2P
Designed to provide good attenuation from 10kHz to 30MHz
logo
Panasonic Semiconductor
EXC24CD600U PANASONIC-EXC24CD600U Datasheet
136Kb / 1P
Common mode Noise Filter
logo
TDK Electronics
RSKN-2006 TDK-RSKN-2006 Datasheet
925Kb / 5P
Wide band, high attenuation from low frequency to high frequency
logo
Panasonic Semiconductor
EXCX4CT PANASONIC-EXCX4CT Datasheet
66Kb / 2P
Common mode Noise Filters
00 Sep. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com