Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAC Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # NAC
Description  High-attenuation type of common mode noise from 150kHz to 1MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

NAC Datasheet(HTML) 2 Page - COSEL CO., LTD.

  NAC Datasheet HTML 1Page - COSEL CO., LTD. NAC Datasheet HTML 2Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NF-40
NAH,NAC,NAM,NAP series
Mounting Plate
Terminal cover
2-Protection Earth
6-M4
2-f4.8
Name Plate
Tolerance : ±1 [±0.04]
Weight : 300g max
Mounting Plate : Iron (surface finishing:nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Terminal block screw tighting torque M4:1.6N-m (16.9kgf-cm) max
Output
Terminal
Input
Terminal
Output
Terminal
Mounting Hole
Input
Terminal
82 ±0.5
77
92
Terminal cover
Closed the terminal cover
8
27
(2.5)
[0.1]
[3.62]
[3.23]
[0.19]
[3.03]
[1.06]
[0.31]
As this product is adopted push-down type terminal block, this appearance is as follows.
1
The terminal cover is retracted inside the unit.
2
The screws for connecting the terminals are held in the up right position.
¡Note when installing the EMI/EMC
Filter on a DIN rail.
When the EMI/EMC Filter is grounded through
the DIN rail, the proper noise attenuation may not
be achieved.
Be sure to connect the protection earth (PE) of
the EMI/EMC Filter body to the earth.
It can connect the ground to either one only.
6-M4
Name Plate
Output
Terminal
Output
Terminal
(11)
92
77
Tolerance : ±1 [±0.04]
Weight : 300g max
Mounting Plate : Iron (surface finishing:nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Terminal block screw tighting torque M4:1.6N-m (16.9kgf-cm) max
(2.5)
8
27
2-Protection Earth
Mounting Plate
Terminal cover
DIN rail
Input
Terminal
Input
Terminal
Terminal cover
Closed the terminal cover
[0.1]
[3.62]
[0.43]
[3.03]
[1.06]
[0.31]
Standard Type
DIN rail installation Type
Name Plate
DIN rail
External view



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com