Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX591 Datasheet (PDF) - Diodes Incorporated

FCX591 Datasheet PDF - Diodes Incorporated
Part # FCX591_V01
Download  FCX591 Download
File Size   437.54 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR IN SOT89

FCX591 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX591 Datasheet PDF - Diodes Incorporated

Part # FCX591_V01
Download  FCX591 Click to download

File Size   437.54 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR IN SOT89

FCX591 Datasheet (HTML) - Diodes Incorporated


FCX591 Product details

Features
• BVCEO > -60V
• IC = -1A high Continuous Collector Current
• ICM = -2A Peak Collector Current
• RCE(SAT) = 295mΩ for a Low Equivalent On-Resistance
• hFE characterized up to 2A for high current gain hold up
• Complementary NPN type: FCX491
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FCX591_V01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX591A ZETEX-FCX591A Datasheet
22Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX591A KEXIN-FCX591A Datasheet
35Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 2
FCX591AQTA DIODES-FCX591AQTA Datasheet
409Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 2
More results


Similar Description - FCX591_V01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z Datasheet
131Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP19060CZ DIODES-ZXTP19060CZ Datasheet
437Kb / 8P
60V PNP medium transistor in SOT89
FEBRUARY 2008
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
logo
Zhaoxingwei Electronics...
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX591 DIODES-FCX591_15 Datasheet
437Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com