Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA271005 Datasheet (PDF) - Renesas Technology Corp

RAA271005 Datasheet PDF - Renesas Technology Corp
Part # RAA271005
Download  RAA271005 Download
File Size   6264.87 Kbytes
Page   234 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose IC for Power Management Applications

RAA271005 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA271005 Datasheet PDF - Renesas Technology Corp

Part # RAA271005
Download  RAA271005 Click to download

File Size   6264.87 Kbytes
Page   234 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose IC for Power Management Applications

RAA271005 Datasheet (HTML) - Renesas Technology Corp


RAA271005 Product details

▪ Input range: 2.7V to 5.5V
▪ Five high-efficiency switching regulators with
adjustable output voltages
• 12A (Buck1), 2.5A (Buck2); VOUT from 0.3V to 3.3V
• 2.5A (Buck3 to Buck5); VOUT from 0.5V to 3.3V
◦ Merged-mode (Buck3 and Buck4); 2 × 2.5A = 5A output
◦ Buck5 can operate as asynchronous boost up to 5.0V VOUT
• 6 Linear Drop Out (LDO) Regulators
◦ 4 x 75mA; VOUT = 1.8V or 3.3V
◦ 2 x 500mA; VOUT = 0.6V to 3.3V
▪ 12-bit Analog-to-Digital converter for monitoring
with programmable OV/UV thresholds.
▪ Programmable power sequence. Fully supports S4
and other SoC sequence requirements.
▪ Low-Iq Deep Stop / Always On (AWO) Mode
▪ Suspend-to-RAM / DDR-backup Mode
▪ Supports R-Car SoC Activation
▪ Q&A Watchdog Timer
▪ Configurable through I2C or SPI interface
▪ SoC and MCU error pin monitor
▪ AEC-Q100 qualified (grade 1)




Similar Part No. - RAA271005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
RAA271000 RENESAS-RAA271000 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271000A4HBG#AC0 RENESAS-RAA271000A4HBG#AC0 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271000 RENESAS-RAA271000_V01 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
More results


Similar Description - RAA271005

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Analog Devices
ADP2450 AD-ADP2450 Datasheet
1Mb / 39P
Power Management IC for Circuit Breaker Applications
4/2019-Rev. 0 to Rev. A
ADP2450 AD-ADP2450_V01 Datasheet
984Kb / 40P
Power Management IC for Circuit Breaker Applications
Rev. B
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V01 Datasheet
1Mb / 87P
Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
logo
Renesas Technology Corp
RAA270000KFT RENESAS-RAA270000KFT Datasheet
1Mb / 68P
General purpose Power Management IC
2020.1
RAA270005KFP RENESAS-RAA270005KFP Datasheet
1Mb / 77P
General Purpose Power Management IC
Apr. 9, 2018
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V03 Datasheet
1Mb / 85P
Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
PCA9421 NXP-PCA9421 Datasheet
856Kb / 66P
Power management IC for low-power microcontroller applications
Rev. 1.0 - 16 October 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com