Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9073 Datasheet (PDF) - Renesas Technology Corp

DA9073 Datasheet PDF - Renesas Technology Corp
Part # DA9073
Download  DA9073 Download
File Size   3107.87 Kbytes
Page   134 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current PMIC

DA9073 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9073 Datasheet PDF - Renesas Technology Corp

Part # DA9073
Download  DA9073 Click to download

File Size   3107.87 Kbytes
Page   134 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current PMIC

DA9073 Datasheet (HTML) - Renesas Technology Corp


DA9073 Product details

■ Increased battery life
□ 800 nA (no load, total battery current) buck
converter, programmable down to 0.6 V, 300 mA-capable
□ Three configurable 800nA Quiescent
Current LDOs/Load Switches, 150 mAcapable
□ Wide output voltage boost regulator (4.5V to 18 V)
■ Power saving modes optimized for storage and operation
■ Battery protection
□ Battery thermal- and over-discharge protection
□ 20 V tolerant input
□ Automatic battery temperature monitoring in all operation modes




Similar Part No. - DA9073

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073-XXOH2 DIALOG-DA9073-XXOH2 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9073-XXOH6 DIALOG-DA9073-XXOH6 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9073-XXV32 DIALOG-DA9073-XXV32 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
More results


Similar Description - DA9073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
Low-Quiescent-Current, Multi-Mode PMIC
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
Ultra-Low Quiescent Current PMIC
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9072 RENESAS-DA9072 Datasheet
2Mb / 115P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
Ultra-Low Quiescent Current PMIC
13-Oct-2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com