Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet (PDF) - Analog Devices

LTC1069-1 Datasheet PDF - Analog Devices
Part # LTC1069-1
Download  LTC1069-1 Download
File Size   225.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter

LTC1069-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1069-1 Datasheet PDF - Analog Devices

Part # LTC1069-1
Download  LTC1069-1 Click to download

File Size   225.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter

LTC1069-1 Datasheet (HTML) - Analog Devices


LTC1069-1 Product details

FEATURES
■ Pin Selectable Butterworth or Bessel Response
■ 4mA Supply Current with ±5V Supplies
■ fCUTOFF up to 20kHz
■ 100μVRMS Wideband Noise
■ THD < 0.02% (50:1, VS = ±7.5V, VIN = 2VRMS)
■ Operates with a Single 5V Supply (1VRMS Input
Range)
■ 60μVRMS Clock Feedthrough (Single 5V Supply)
■ Operates up to ±8V Supplies
■ TTL/CMOS-Compatible Clock Input
■ No External Components
■ Available in 14-Pin DIP and 16-Pin SO Wide
Packages




Similar Part No. - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
logo
Analog Devices
LTC1069-1 AD-LTC1069-1 Datasheet
176Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
REV A
LTC1069-1 AD-LTC1069-1 Datasheet
142Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
REV A
LTC1069-1 AD-LTC1069-1 Datasheet
140Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
REV B
More results


Similar Description - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com