Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-1
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1164-5
3
11645fc
FREQUENCY (kHz)
0.2
–5
0
1.0
1164-5 G02
–10
–15
0.4
0.6
0.8
–90
0
–180
–270
GAIN
PHASE
VS = ±5V
fCLK = 50kHz
fCUTOFF = 1kHz
(50:1, PIN 10 TO V+,
PINS 1-13 SHORTED)
TA = 25°C
FREQUENCY (kHz)
0.1
–50
–40
–30
–20
–10
110
1164-5 G01
–60
–70
–80
0
A. fCLK = 100kHz
fCUTOFF = 1kHz
(100:1, PIN 10 TO V –)
B. fCLK = 375kHz
fCUTOFF = 2.68kHz
(140:1, PIN 10 GND)
C. fCLK = 500kHz
fCUTOFF = 10kHz
(50:1, PIN 10 TO V+,
PINS 1-13 SHORTED)
AC
B
VS = ±5V
TA = 25°C
50
LTC1164-5C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum fCLK
VS ≥ ±7.5V
1.5
MHz
VS = ±5.0V
1.0
MHz
VS = Single 5V (GND = 2V)
1.0
MHz
Clock Feedthrough
Input at GND, f = fCLK, Square Wave
±5V, (fCLK/fC) = 100:1
200
µVRMS
±5V, (fCLK/fC) = 50:1
100
µVRMS
Wideband Noise
Input at GND, 1Hz
≥ f < fCLK
±5V, (fCLK/fC) = 100:1
100
±5%
µVRMS
±5V, (fCLK/fC) = 50:1
115
±5%
µVRMS
Input Impedance
70
100
160
k
Ω
Output DC Voltage Swing
VS = ±2.375V
●
±1.25
±1.50
V
VS = ±5.0V
●
±3.70
±4.10
V
VS = ±7.5V
●
±5.40
±5.90
V
Output DC Offset
VS = ±5V, (fCLK/fC) = 100:1
±50
±160
mV
Output DC Offset TempCo
VS = ±5V, (fCLK/fC) = 100:1
±100
µV/°C
Power Supply Current
VS = ±2.375V, TA ≥ 25°C
2.5
4.0
mA
●
4.5
mA
VS = ±5.0V, TA ≥ 25°C
4.5
7.0
mA
●
8.0
mA
VS = ±7.5V, TA ≥ 25°C
7.0
11.0
mA
●
12.5
mA
Power Supply Range
±2.375
±8V
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which life of
the device may be impaired.
Note 2: Connecting any pin to voltages greater than V
+ or less than V–
may cause latch-up. It is recommended that no sources operating from
external supplies be applied prior to power-up of the LTC1164-5.
Note 3: All gains are measured relative to passband gain. The filter cutoff
frequency is abbreviated as fCUTOFF or fC.
Gain vs Frequency
Passband Gain and Phase
vs Frequency
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = Operating Temperature Range. VS = ±7.5V, RL = 10k, fCLK = 400kHz,
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com