Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1069-1
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 4 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1164-5
4
11645fc
FREQUENCY (kHz)
0.1
–4.0
–3.5
–2.5
–2.0
–1.5
–0.5
1
10
1164-5 G08
–3.0
0
–1.0
A
E
B
C D
A. fCLK = 200kHz
fCUTOFF = 2kHz
B. fCLK = 500kHz
fCUTOFF = 5kHz
C. fCLK = 750kHz
fCUTOFF = 7.5kHz
D. fCLK = 1MHz
fCUTOFF = 10kHz
E. fCLK = 1.5MHz
fCUTOFF = 15kHz
VS = ±7.5V
100:1
TA = 25°C
0.5
20
FREQUENCY (kHz)
1
–4.0
–3.5
–2.5
–2.0
–1.5
– 0.5
10
1164-5 G07
–3.0
0
0.5
–1.0
VS = ±7.5V
fCLK = 1.5MHz (50:1)
fCUTOFF = 30kHz
TA = –40°C
TA = 70°C
30
FREQUENCY (kHz)
0.1
–4.0
–3.5
–2.5
–2.0
–1.5
–0.5
1
10
1164-5 G06
–3.0
0
0.5
–1.0
AE
F
B
C
D
A. fCLK = 200kHz
fCUTOFF = 4kHz
B. fCLK = 300kHz
fCUTOFF = 6kHz
C. fCLK = 500kHz
fCUTOFF = 10kHz
D. fCLK = 750kHz
fCUTOFF = 15kHz
E. fCLK = 1MHz
fCUTOFF = 20kHz
F. fCLK = 1.5MHz
fCUTOFF = 30kHz
VS = ±7.5V
50:1
TA = 25°C
30
FREQUENCY (kHz)
0.5
0
50
150
200
250
500
350
2.5
4.5
5.5
1164-5 G05
100
400
450
300
1.5
3.5
6.5
7.5
VS = ±7.5V
TA = 25°C
A
B
A. fCLK = 500kHz
(BUTTERWORTH 100:1)
fCUTOFF = 5kHz
B. fCLK = 750kHz
(BESSEL 140:1)
fCUTOFF = 5.36kHz
FREQUENCY (kHz)
0.2
–5
0
1.0
1164-5 G04
–10
–15
–20
0.4
0.6
0.8
–90
0
–180
–270
–360
VS = ±5V
fCLK = 150kHz
fCUTOFF = 1.07kHz
(140:1, PIN 10 TO GND)
TA = 25°C
GAIN
PHASE
FREQUENCY (kHz)
0.2
–5
0
1.0
1164-5 G03
–10
–15
0.4
0.6
0.8
–90
0
–180
–270
VS = ±5V
fCLK = 100kHz
fCUTOFF = 1kHz
(100:1, PIN 10 TO V–)
TA = 25°C
–20
–360
Passband Gain and Phase
vs Frequency
Passband Gain and Phase
vs Frequency
Maximum Passband over
Temperature for VS = ±7.5V, 50:1
Passband vs Frequency and fCLK
Passband vs Frequency and fCLK
Group Delay vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com