Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet (PDF) - Renesas Technology Corp

DA9213 Datasheet PDF - Renesas Technology Corp
Part # DA9213
Download  DA9213 Download
File Size   1493.93 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Phase 5 A/Phase DC-DC Buck Converter

DA9213 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9213 Datasheet PDF - Renesas Technology Corp

Part # DA9213
Download  DA9213 Click to download

File Size   1493.93 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Phase 5 A/Phase DC-DC Buck Converter

DA9213 Datasheet (HTML) - Renesas Technology Corp


DA9213 Product details

▪ 2.8 V to 5.5 V input voltage
▪ 0.3 V to 1.57 V output voltage
▪ 1.57 V to 4.3 V with resistor divider
▪ 20 A DA9213
▪ 2 x 10 A DA9214
▪ 1 x 15 A + 1 x 5 A DA9215
▪ 3 MHz nominal switching frequency (allows use
of low profile [1 mm] inductors)
▪ ±1% accuracy (static)
▪ ±3% accuracy (dynamic) Feature
▪ Dynamic voltage control
▪ Automatic phase shedding
▪ Integrated power switches
▪ Remote sensing at point of load
▪ I2C/SPI compatible interface
▪ Adjustable soft start
▪ -40 ºC to +85 ºC temperature range
▪ Package 66 WL-CSP 0.4 mm pitch or 66 VFBGA
0.5 mm pitch




Similar Part No. - DA9213

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5A/Phase DC-DC Buck Converter
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
logo
Dialog Semiconductor
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Renesas Technology Corp
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
2Mb / 62P
Auto Grade Multi-Phase 5 A / Phase Buck Converter
Nov 14, 2025
More results


Similar Description - DA9213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
Multi-Phase Interleaved Buck Converter
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5A/Phase DC-DC Buck Converter
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Murata Manufacturing Co...
MYMGM1R824ELA5RP MURATA1-MYMGM1R824ELA5RP Datasheet
13Mb / 37P
MonoBKTM, 2 Modules Multi Phase 40A DC-DC Converter
2018
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com