Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA9213 Datasheet HTML 1Page - Renesas Technology Corp DA9213 Datasheet HTML 2Page - Renesas Technology Corp DA9213 Datasheet HTML 3Page - Renesas Technology Corp DA9213 Datasheet HTML 4Page - Renesas Technology Corp DA9213 Datasheet HTML 5Page - Renesas Technology Corp DA9213 Datasheet HTML 6Page - Renesas Technology Corp DA9213 Datasheet HTML 7Page - Renesas Technology Corp DA9213 Datasheet HTML 8Page - Renesas Technology Corp DA9213 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 2
System Diagrams
Table 1 shows how the phases of the device are used for different device configurations. It should be noted in
particular that the third phase of DA9215 BuckA is phase B2. Phase B1 is used for the single phase BuckB.
Table 1. Buck Allocations for Each Phase per Device
Device
Phase A1
Phase A2
Phase B1
Phase B2
DA9213
BuckA
BuckA
BuckA
BuckA
DA9214
BuckA
BuckA
BuckB
BuckB
DA9215
BuckA
BuckA
BuckB
BuckA
FBAP
REGISTER
SPACE
OTP
MEMORY
DIGITAL
CORE
2/4-WIRE INTERFACE
BIAS
SUPERV
OSC
GPI1
OUT
nIRQ
4 × 0.22 µH
4 × 10 µF
GPI0
1 µF
GPI
GPI
100 nF
GPIO2
GPIO
PoL
FBAN
FBBP
FBBN
4 × 47 µF
IC_EN
DVS
CTRL
+
DRIVE
Figure 1. DA9213 System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com