Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 11Page - Renesas Technology Corp DA9213 Datasheet HTML 12Page - Renesas Technology Corp DA9213 Datasheet HTML 13Page - Renesas Technology Corp DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp DA9213 Datasheet HTML 18Page - Renesas Technology Corp DA9213 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 15
Parameter
Description
Conditions
Min
Typ
Max
Unit
PFM Mode
VBUCK_PFM
Buck output voltage in PFM
IO = 0 mA to IO_MAX
0.3
1.57
V
IMIN_PFM
Minimum output current in
PFM
Static output voltage,
no DVC
2
mA
IQ_PFM_A2
DA9214 quiescent current
Buck A enabled
No switching
VDD = 3.7 V
Note 5
58
µA
IQ_PFM_A4
DA9213 quiescent current
Buck enabled
No switching
VDD = 3.7 V
Note 5
72
µA
IQ_PFM_A2B2
DA9214 quiescent current
Buck A enabled
Buck B enabled
No switching
VDD = 3.7 V
Note 5
106
µA
IQ_PFM_A3B1
DA9215 quiescent current
Buck A enabled
Buck B enabled
No switching
VDD = 3.7 V
Note 5
130
µA
Note 1
Programmable in 10 mV increments.
Note 2
Additional to the dc accuracy. The value is intended to be measured directly at COUT(EXT). In case of remote
sensing, parasitics of PCB and external components may affect this value.
Note 3
On-time > 50 ns.
Note 4
Time from beginning to end of the voltage ramp. Additional 10 µs typical delay, plus internal sync to the enable
port.
Note 5
For the total quiescent current of the IC, the IDD_ON should be added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com