Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 36Page - Renesas Technology Corp DA9213 Datasheet HTML 37Page - Renesas Technology Corp DA9213 Datasheet HTML 38Page - Renesas Technology Corp DA9213 Datasheet HTML 39Page - Renesas Technology Corp DA9213 Datasheet HTML 40Page - Renesas Technology Corp DA9213 Datasheet HTML 41Page - Renesas Technology Corp DA9213 Datasheet HTML 42Page - Renesas Technology Corp DA9213 Datasheet HTML 43Page - Renesas Technology Corp DA9213 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 40
6.
Application Information
The following recommended components are examples selected from requirements of a typical application.
6.1
Capacitor Selection
Ceramic capacitors are used as bypass capacitors at all VDD and output rails. When selecting a capacitor,
especially for types with high capacitance at smallest physical dimension, the DC bias characteristic has to be
taken into account.
Table 15. Recommended Capacitor Types
Application
Value
Size
Temp Char
Tol (%)
V-Rate
Type
VOUT
output bypass
47 µF
0603
X5R ±15%
±20
6.3 V
Murata GRM188R60J476ME15
47 µF
0805
X5R ±15%
±20
10 V
Murata
GRM21BR61A476ME15
22 µF
0603
X5R ±15%
±20
10 V
Murata
GRM188R61A226ME15
22 µF
0402
X5R ±15%
±20
4 V
Semco CL05A226MR5NZNC
VDDx bypass
10 µF
0402
X5R ±15%
±20
10 V
Semco CL05A106MP5NUNC
10 µF
0603
X5R ±15%
±10
10 V
Murata GRM188R61A105KAAL
VSYS bypass
1 µF
0402
X5R ±15%
±10
10 V
Murata GRM155R61A105KE15
VDDIO bypass
100 nF
01005
X5R ±15%
±10
6.3 V
Semco
CL02A104KQ2NNN
6.2
Inductor Selection
Inductors should be selected based upon the following parameters:
▪ Rated max. current: usually a coil provides two current limits: The Isat specifies the maximum current at
which the inductance drops by 30% of the nominal value. The Imax is defined by the maximum power
dissipation and is applied to the effective current.
▪ DC resistance: critical for the converter efficiency and should therefore be minimized.
▪ The typical recommended output inductance is 0.22 µH per phase. Use of larger output inductance degrades
the load transient performance of the buck converter.
Table 16. Recommended Inductor Types
Value
(µH)
Size (mm)
Imax(dc)
(A)
Isat (A)
Tol (%)
DC Res
(
mΩ)
Type
0.47
2.0 x 1.6 x 1.0
4.7
6.2
±20
26
Semco
CIGT201610EHR47MLE
0.47
2.5 x 2.0 x 0.8
5.5
5.5
±20
15
Semco
CIGT252008 EHR47MNE
0.24
2.5 x 2.0 x 1.0
5.7
5.7
±20
10
Semco
CIGT252010 LMR24MNE
0.24
2.5 x 2.0 x 1.2
6.6
6.6
±20
8
Semco
CIGT252012 LMR24MNE
0.47
2.5 x 2.0 x 1.0
4.1
5.3
±20
28
TOKO
DFE252010P-H-R47M
0.47
2.5 x 2.0 x 1.2
4.7
6.1
±20
21
TOKO
DFE252012P-H-R47M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com