Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 35Page - Renesas Technology Corp DA9213 Datasheet HTML 36Page - Renesas Technology Corp DA9213 Datasheet HTML 37Page - Renesas Technology Corp DA9213 Datasheet HTML 38Page - Renesas Technology Corp DA9213 Datasheet HTML 39Page - Renesas Technology Corp DA9213 Datasheet HTML 40Page - Renesas Technology Corp DA9213 Datasheet HTML 41Page - Renesas Technology Corp DA9213 Datasheet HTML 42Page - Renesas Technology Corp DA9213 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 39
5.5
Internal Temperature Supervision
To protect DA9213, DA9214, and DA9215 from damage due to excessive power dissipation, the internal
temperature is continuously monitored. There are three temperature thresholds, as shown in Table 14.
Table 14. Over-Temperature Thresholds
Temperature
Threshold
Typical Temperature
Setting
Interrupt Event
Status Bit
Masking Bit
TEMP_WARN
125 °C
E_TEMP_WARN
TEMP_WARN
M_TEMP_WARN
TEMP_CRIT
140 °C
E_TEMP_CRIT
TEMP_CRIT
M_TEMP_CRIT
TEMP_POR
150 °C
When the junction temperature reaches the TEMP_WARN threshold, DA9213, DA9214, and DA9215 will assert
the bit TEMP_WARN and will generate the event E_TEMP_WARN. If not masked using bit M_TEMP_WARN,
the output port nIRQ will be asserted. The status bit TEMP_WARN will remain asserted as long as the junction
temperature remains higher than TEMP_WARN.
When the junction temperature increases further to TEMP_CRIT, DA9213, DA9214, and DA9215 will
immediately disable the buck converter, assert the bit TEMP_CRIT, and will generate the event E_TEMP_CRIT.
If not masked via bit M_TEMP_CRIT, the output port nIRQ will be asserted. The status bit TEMP_CRIT will
remain asserted as long as the junction temperature remains higher than TEMP_CRIT. The buck converter will
be kept disabled as long as the junction temperature is above TEMP_CRIT. It will not be automatically re-
enabled even after the temperature drops below the valid threshold (even if the controlling GPI is asserted). A
direct write into BUCKA_EN or BUCKB_EN, or a toggling of the controlling GPI, is needed to enable the buck
converter.
Whenever the junction temperature exceeds TEMP_POR, a power on reset to the digital core is immediately
asserted, which stops all functionalities of DA9213, DA9214, and DA9215. This is needed to prevent possible
permanent damage in the case of a rapid temperature increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com