Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 17Page - Renesas Technology Corp DA9213 Datasheet HTML 18Page - Renesas Technology Corp DA9213 Datasheet HTML 19Page - Renesas Technology Corp DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 21
5.
Functional Description
Flexible configurability and the availability of different control schemes make both DA9213, DA9214, and D
A9215 the ideal single/dual buck companion ICs to expand the existing capabilities of a master PMIC.
Due to the advanced compatibility between both DA9213, DA9214, and DA9215 and the DA9063, they offer
several advantages when they are operated together. These advantages include:
▪ DA9213, DA9214, and DA9215 can be enabled and controlled by DA9063 during the power up sequence,
thanks to DA9063’s dedicated output signals during power up, and compatible input controls in both DA9213,
DA9214, and DA9215.
▪ DA9213, DA9214, and DA9215 can be used in a completely transparent way for the host processor and can
share the same Control Interface (same SPI chip select or I2C address), thanks to the compatible registers
map. DA9213, DA9214, and DA9215 have a dedicated register space for configuration and control which
does not conflict with DA9063.
▪ DA9213, DA9214, and DA9215 support a power good configurable port for enhanced communication to the
host processor and improved power up sequencing.
▪ DA9213, DA9214, and DA9215 can share the same interrupt line with DA9063.
In addition, the 2-WIRE / 4-WIRE interfaces allow DA9213, DA9214, and DA9215 to fit many standard PMU
parts and power applications.
Figure 14. Interface of DA9213/14/15 with DA9063 and the Host Processor
As shown in Figure 14, a typical application case includes a host processor, a Main PMIC (for example, DA9063)
and DA9213, DA9214, and DA9215 used as companion IC for the high-power core supply.
The easiest way of controlling DA9213, DA9214, and DA9215 is through the Control Interface. The master
initiating the communication must always be the host processor that reads and writes to the main PMIC, and to
the DA9213, DA9214, and DA9215 registers. To poll the status of DA9213 or DA9214, the host processor must
access the dedicated register area through the Control Interface. DA9213, DA9214, and DA9215 can be
additionally controlled by means of hardware inputs.
DA9063
Host
Processor
nIRQ
nONKEY
nRESET
Vdd
VCharger
nSHUTDOWN
GPIOs
OUT_32K
Control IF
DA9213/
14/15
Control IF
GPIO9
nIRQ
PWR1_EN
nOFF
LID
GPI0 (enable)
IC_EN
PWR_EN
SYS_EN
GPI1 (voltage set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com