Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 9Page - Renesas Technology Corp DA9213 Datasheet HTML 10Page - Renesas Technology Corp DA9213 Datasheet HTML 11Page - Renesas Technology Corp DA9213 Datasheet HTML 12Page - Renesas Technology Corp DA9213 Datasheet HTML 13Page - Renesas Technology Corp DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 13
3.3
Electrical Specifications
Electrical characteristics table limits are guaranteed by production testing, design, or correlation using standard
statistical quality control methods unless otherwise stated. Typical (Typ) specifications are mean or average
values at TA = 25°C and are not guaranteed.
Unless otherwise noted, the following is valid for TJ = -40 ºC to +125 ºC, VDD = 2.8 V to 5.5 V, COUT
= 47 μF per
phase, local sensing.
Table 6. Buck Converters Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Component Electrical Conditions
COUT
Output capacitance (per
phase)
Including voltage and
temperature coefficient
23
47
62
µF
ESRCOUT
Equivalent series resistance
(per phase)
f > 100 kHz
10
mΩ
LPHASE
Inductance (per phase)
Including current and
temperature dependence
0.11
0.22
0.29
µH
DCRLPHASE
Inductor resistance
100
mΩ
Electrical Characteristics
VDD
Supply voltage
VDD_x = VSYS
2.8
5.5
V
VBUCK
Buck output voltage
Note 1
IO = 0 to IO_MAX
0.3
1.57
V
VOACC
Output voltage accuracy
PWM mode
Incl. static line/load reg and
voltage ripple
VBUCK
≥ 1 V
-2.0
+2.0
%
Incl. static line/load reg and
voltage ripple
VBUCK < 1 V
±20
mV
VBUCK = 1 V
VDD = 3.8 V
no load
-1.0
+1.0
%
VBUCK = 1 V
VDD = 3.8 V
no load
TA = 27 ºC
-0.5
+0.5
%
VTR_LOAD
Load regulation transient
voltage
Note 2
DA9213
IO = 0 to 5 A, tR = 500 ns
PWM 4-phase
VBUCK
≥ 1 V
VBUCK < 1 V
-2
-20 mV
+2
+20 mV
%
DA9213
IO = 0 to 5 A, tR = 500 ns
auto mode, ph shedding
VBUCK = 1 V
-3.5
+3.5
%
DA9214
IO = 0 to 5 A, tR = 500 ns
PWM 2-phase
VBUCK = 1 V
±3.5
%
DA9215 Buck A
±2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com