Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 45Page - Renesas Technology Corp DA9213 Datasheet HTML 46Page - Renesas Technology Corp DA9213 Datasheet HTML 47Page - Renesas Technology Corp DA9213 Datasheet HTML 48Page - Renesas Technology Corp DA9213 Datasheet HTML 49Page - Renesas Technology Corp DA9213 Datasheet HTML 50Page - Renesas Technology Corp DA9213 Datasheet HTML 51Page - Renesas Technology Corp DA9213 Datasheet HTML 52Page - Renesas Technology Corp DA9213 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 49
Register
Bit
Type
Label
Description
10: GPIO1 controlled
11: GPIO3 controlled
0
R/W
BUCKB_EN
0: Buck B disabled
1: Buck B enabled
7.1.3
Register Page 1
Register
Bit
Type
Label
Description
0x80
PAGE_CON
7
R/W
REVERT
Resets REG_PAGE to 000 after read/write access has
finished
6
R/W
WRITE_MODE
2-WIRE multiple write mode
0: Page Write Mode
1: Repeated Write Mode
5:3
R/W
(reserved)
2:0
R/W
REG_PAGE
I2C
00x: Selects Register 0x00 to 0xFF
01x: Selects Register 0x100 to 0x17F
SPI
000: Selects Register 0x00 to 0x7F
001: Selects Register 0x80 to 0xFF
010: Selects Register 0x100 to 0x17F
>010: Reserved for production and test
7.1.3.1
Regulators Settings
Register
Bit
Type
Label
Description
0xD0
BUCK_ILIM
7:4
R/W
BUCKB_ILIM
Current limit per phase:
0000: 4000 mA
0001: 4200 mA
0010: 4400 mA
Continuing through…
1001: 5800 mA
to…
1110: 6800 mA
1111: 7000 mA
3:0
R/W
BUCKA_ILIM
Current limit per phase:
0000: 4000 mA
0001: 4200 mA
0010: 4400 mA
Continuing through…
1001: 5800 mA
to…
1110: 6800 mA
1111: 7000 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com