Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG7MD47679 Datasheet (PDF) - Renesas Technology Corp

SLG7MD47679 Datasheet PDF - Renesas Technology Corp
Part # SLG7MD47679
Download  SLG7MD47679 Download
File Size   3072.45 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Full Bridge PWM Motor Driver

SLG7MD47679 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG7MD47679 Datasheet PDF - Renesas Technology Corp

Part # SLG7MD47679
Download  SLG7MD47679 Click to download

File Size   3072.45 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Full Bridge PWM Motor Driver

SLG7MD47679 Datasheet (HTML) - Renesas Technology Corp


SLG7MD47679 Product details

■ Two high voltage high current drive GPOs
■ 3 A peak, 1.5 A RMS per Full Bridge
■ Current up to 3 A peak, 1.5 A RMS per GPO/Half
Bridge and up to 6 A peak, 3 A RMS for two
HV GPOs connected in parallel
■ Current sense comparator with dynamical Vref mode
■ Two PWM macrocells
■ Low power consumption
■ RoHS compliant/Halogen-free
■ 20-pin STQFN: 2.0 mm x 3.0 mm x 0.55 mm, 0.4 mm pitch




Similar Part No. - SLG7MD47679

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7MD47671 RENESAS-SLG7MD47671 Datasheet
1Mb / 21P
PH/EN Low Voltage H-Bridge Driver
Jan 6, 2025
SLG7MD47671V RENESAS-SLG7MD47671V Datasheet
1Mb / 21P
PH/EN Low Voltage H-Bridge Driver
Jan 6, 2025
SLG7MD47673 RENESAS-SLG7MD47673 Datasheet
2Mb / 19P
High Voltage High Current H/Half-Bridge Driver
Jan 6, 2025
SLG7MD47673V RENESAS-SLG7MD47673V Datasheet
2Mb / 19P
High Voltage High Current H/Half-Bridge Driver
Jan 6, 2025
More results


Similar Description - SLG7MD47679

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
Full-Bridge PWM Motor Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com