Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF16V8B Datasheet (PDF) - ATMEL Corporation

ATF16V8B Datasheet PDF - ATMEL Corporation
Part # ATF16V8B
Download  ATF16V8B Download
File Size   657.86 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance Flash PLD

ATF16V8B Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF16V8B Datasheet PDF - ATMEL Corporation

Part # ATF16V8B
Download  ATF16V8B Click to download

File Size   657.86 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance Flash PLD

ATF16V8B Datasheet (HTML) - ATMEL Corporation


ATF16V8B Product details

Description
The ATF16V8B is a high performance CMOS (Electrically Erasable) Programmable Logic Device (PLD) which utilizes Atmel’s proven electrically erasable Flash memory technology. Speeds down to 7.5 ns are offered. All speed ranges are specified over the full 5V ± 10% range for industrial temperature ranges, and 5V ± 5% for commercial temperature ranges.

Features
• Industry Standard Architecture
   Emulates Many 20-Pin PALs®
   Low Cost Easy-to-Use Software Tools
• High Speed Electrically Erasable Programmable Logic Devices
   7.5 ns Maximum Pin-to-Pin Delay
• Several Power Saving Options
• CMOS and TTL Compatible Inputs and Outputs
   Input and I/O Pull-Up Resistors
• Advanced Flash Technology
   Reprogrammable
   100% Tested
• High Reliability CMOS Process
   20 Year Data Retention
   100 Erase/Write Cycles
   2,000V ESD Protection
   200 mA Latchup Immunity
• Commercial, and Industrial Temperature Ranges
• Dual-in-Line and Surface Mount Packages in Standard Pinouts




Similar Part No. - ATF16V8B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
640Kb / 26P
Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
640Kb / 26P
Highperformance EE PLD
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
641Kb / 26P
Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16V8B-10JI ATMEL-ATF16V8B-10JI Datasheet
640Kb / 26P
Highperformance EE PLD
More results


Similar Description - ATF16V8B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
High Performance E2 PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
High- Performance EE PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
High Performance E2 PLD
logo
Lattice Semiconductor
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
HIGH PERFORMANCE E2CMOS PLD
logo
ATMEL Corporation
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
High-performance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com