Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV276 Datasheet (PDF) - Microchip Technology

HV276 Datasheet PDF - Microchip Technology
Part # HV276
Download  HV276 Download
File Size   1209.23 Kbytes
Page   29 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array

HV276 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV276 Datasheet PDF - Microchip Technology

Part # HV276
Download  HV276 Click to download

File Size   1209.23 Kbytes
Page   29 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Channel, 11-Bit DACs and ±75V High-Voltage Amplifier Array

HV276 Datasheet (HTML) - Microchip Technology


HV276 Product details

Features
• 16 Channels of High-Voltage Output
• 16 Channels of 11-bit Digital-to-Analog
Converters (DACs)
• Up to ±75V Output Voltage
• 1.0 μs Typical Rise/Fall Time
• 250 pF Fixed-Output Load
• 33 MHz Data Shift Register Speed
• 2.5V and 3.3V CMOS Compatible Logic Inputs
• Independent Serial Input Loading Protocol With
Global Safety Control
• 80-Lead Single 11 x 11 x 0.9 mm VQFN Package

Application
• OLED Print Head Driver

General Description
The HV276 is a 16-channel, high-voltage amplifier
array. Each channel consists of a low-voltage digital-toanalog
converter and a fixed-gain high-voltage operational
amplifier. The DAC has 11-bit resolution, and the
DAC output is connected to the fixed-gain high-voltage
operational amplifier with a maximum output voltage
swing of ±75 V for a 250 pF capacitive load.
Each receive channel has its own internal detection circuit
and individual receiver to validate the data from the
serial-to-parallel interface using the SAFETY control
signal and its protocol.
This device consists of 16 11-bit shift registers, control
logic functions and Power-on Reset (POR). Four power
supplies are required, ±5.0V and ±90V. An external
3.0V voltage reference is needed for precision output.
The system supports both 3.3 V or 2.5 V logic input.




Similar Part No. - HV276

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2762GA-G MICROCHIP-HV2762GA-G Datasheet
614Kb / 16P
Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
More results


Similar Description - HV276

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
16-Bit DACs with 16-Channel
Rev 1; 2/05
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
logo
Linear Technology
LTC2000 LINER-LTC2000_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.5Gsps DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
LTC2000 LINER-LTC2000 Datasheet
892Kb / 14P
16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.5Gsps DACs
12/17-REV.B
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC61401 TI1-DAC61401 Datasheet
3Mb / 51P
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
NOVEMBER 2023
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com