Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9709 Datasheet (PDF) - Analog Devices

MAX9709 Datasheet PDF - Analog Devices
Part # MAX9709
Download  MAX9709 Download
File Size   1315.63 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier

MAX9709 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9709 Datasheet PDF - Analog Devices

Part # MAX9709
Download  MAX9709 Click to download

File Size   1315.63 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier

MAX9709 Datasheet (HTML) - Analog Devices


MAX9709 Product details

Features
●● 2 x 25W Output Power in Stereo Mode
(8Ω, THD = 10%)
●● 1 x 50W Output Power in Mono Mode
(4Ω, THD = 10%)
●● High Efficiency: Up to 87%
●● Filterless Class D Amplifier
●● Unique Spread-Spectrum Mode
●● Programmable Gain (+22dB, +25dB, +29.5dB,
+36dB)
●● High PSRR (90dB at 1kHz)
●● Differential Inputs Suppress Common-Mode Noise
●● Shutdown and Mute Control
●● Integrated Click-and-Pop Suppression
●● Low 0.1% THD+N
●● Current Limit and Thermal Protection
●● Programmable Thermal Flag
●● Clock Synchronization Input and Output
●● Available in Thermally Efficient, Space-Saving
Package: 56-Pin TQFN




Similar Part No. - MAX9709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9709 MAXIM-MAX9709 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
MAX9709ECB MAXIM-MAX9709ECB Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
Analog Devices
MAX9709ECB AD-MAX9709ECB Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
logo
Maxim Integrated Produc...
MAX9709ETN MAXIM-MAX9709ETN Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
More results


Similar Description - MAX9709

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
Rev. 6
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com