Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN3P2F Datasheet (PDF) - Switchcraft, Inc.

EN3P2F Datasheet PDF - Switchcraft, Inc.
Part # EN3P2F
Download  EN3P2F Download
File Size   2636.2 Kbytes
Page   7 Pages
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.
Description EN3™ MINI WEATHERTIGHT CONNECTOR SERIES

EN3P2F Datasheet (PDF)

Go To PDF Page Download Datasheet
EN3P2F Datasheet PDF - Switchcraft, Inc.

Part # EN3P2F
Download  EN3P2F Click to download

File Size   2636.2 Kbytes
Page   7 Pages
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.
Description EN3™ MINI WEATHERTIGHT CONNECTOR SERIES

EN3P2F Datasheet (HTML) - Switchcraft, Inc.


EN3P2F Product details

GENERAL FEATURES AND BENEFITS
• Great all-purpose connector “weather” or not sealing feature is required.
• Superior leakage protection. Contact area is double-sealed for excellent moisture and chemical resistance when mated to Switccraft’s connectors.
• Integral O-ring and gasket. O-ring is molded onto cord housing assembly and gasket is molded onto panel housing assembly to prevent leakage and eliminate need for additional O-rings and gaskets.
• Reduced part count for reduced labor to assemble.
• No Grommets. Cable clamp assembly features living hinges, which snap easily onto and support the cable.
• Thermoplastic rubber body simulates closed entry contact system to prevent probe damage or accidental loss of spring retention due to misaligned or bent pins.
• Abrasion-resistant thermoplastic boot provides strain relief and accepts cable diameter .195” to .265”.
• Housing rated UL 94V-O against flammability.
• Panel connector shell features a positioning keyway to prevent misalignments and a polarizing single “D” design for proper panel mounting and to prevent rotational movement.
• 2-8 pins.
• Exceeds Coast Guard specifications for water tightness (CFR 46 Part 110.20).
• Optional cap covers panel housing assembly when not in use.
• Exceeds enclosure rating IP16/IP18 when not mated or covered and IP66/IP68 when mated or covered (IEC 529).
• Exceeds enclosure rating 6P at 1000V when mated or covered (NEMA 250).

APPLICATIONS
• Process Control Communications
• Marine Electronics Transportation
• Medical Instrumentation General Industrial Electronics
• Geothermal Instrumentation Harsh Environments




Similar Part No. - EN3P2F

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EN3PH2F16 SWITCH-EN3PH2F16 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH2F20 SWITCH-EN3PH2F20 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH3F16 SWITCH-EN3PH3F16 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH3F20 SWITCH-EN3PH3F20 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH4F16 SWITCH-EN3PH4F16 Datasheet
76Kb / 1P
PANEL SOCKET
More results


Similar Description - EN3P2F

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
030228FR SUYIN-USA-030228FR Datasheet
124Kb / 1P
STANDARD MINI DIN CONNECTOR SERIES
logo
Switchcraft, Inc.
EN3L2MC SWITCH-EN3L2MC Datasheet
22Kb / 1P
MINI WEATHERTIGHT CONNECTOR SERIES
logo
Molex Electronics Ltd.
ATS-638881000 MOLEX-ATS-638881000 Datasheet
358Kb / 6P
Mini-Mac Applicator Trifurcon™ Crimp Terminals
11-28-12
logo
3M Electronics
103XX-52F0-008 3M-103XX-52F0-008 Datasheet
999Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors
April 10, 2008
logo
Infineon Technologies A...
IM523-L6A INFINEON-IM523-L6A Datasheet
1,022Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-M6A INFINEON-IM523-M6A Datasheet
1,021Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
IM523-X6A INFINEON-IM523-X6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM564-X6D INFINEON-IM564-X6D Datasheet
1Mb / 26P
CIPOS™ Mini IM564
Verison 2.3 2021-12-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com