Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN3P2F Datasheet(PDF) 6 Page - Switchcraft, Inc.

Part # EN3P2F
Description  EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN3P2F Datasheet(HTML) 6 Page - Switchcraft, Inc.

  EN3P2F Datasheet HTML 1Page - Switchcraft, Inc. EN3P2F Datasheet HTML 2Page - Switchcraft, Inc. EN3P2F Datasheet HTML 3Page - Switchcraft, Inc. EN3P2F Datasheet HTML 4Page - Switchcraft, Inc. EN3P2F Datasheet HTML 5Page - Switchcraft, Inc. EN3P2F Datasheet HTML 6Page - Switchcraft, Inc. EN3P2F Datasheet HTML 7Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GENERAL FEATURES AND BENEFITS
• Great all-purpose connector “weather” or not sealing feature is required.
• Superior leakage protection. Contact area is double-sealed for excellent moisture and chemical resistance when mated to
Switccraft’s connectors.
• Integral O-ring and gasket. O-ring is molded onto cord housing assembly and gasket is molded onto panel housing assembly to prevent leakage and
eliminate need for additional O-rings and gaskets.
• Reduced part count for reduced labor to assemble.
• No Grommets. Cable clamp assembly features living hinges, which snap easily onto and support the cable.
• Thermoplastic rubber body simulates closed entry contact system to prevent probe damage or accidental loss of spring retention due to misaligned or
bent pins.
• Abrasion-resistant thermoplastic boot provides strain relief and accepts cable diameter .195” to .265”.
• Housing rated UL 94V-O against flammability.
• Panel connector shell features a positioning keyway to prevent misalignments and a polarizing single “D” design for proper panel mounting and to
prevent rotational movement.
• 2-8 pins.
• Exceeds Coast Guard specifications for water tightness (CFR 46 Part 110.20).
• Optional cap covers panel housing assembly when not in use.
• Exceeds enclosure rating IP16/IP18 when not mated or covered and IP66/IP68 when mated or covered (IEC 529).
• Exceeds enclosure rating 6P at 1000V when mated or covered (NEMA 250).
APPLICATIONS
• Process Control Communications
• Marine Electronics Transportation
• Medical Instrumentation General Industrial Electronics
• Geothermal Instrumentation Harsh Environments
MATERIALS
• Cord and panel connector shells, contact locking disk, and cable clamp assembly: Thermoplastic polymer glass fiber, flame retardant
• Coupling ring: Nylon
• Rear boot and connector shell interior: Thermoplastic rubber
• Contacts: Copper base alloy gold-plated over nickel underplate
SPECIFICATIONS
MECHANICAL
• Shock: Mil-Std 202 Method 213B, condition K
• Vibration: Mil-Std 202 Method 201
• Life: 600 insertion/withdrawal cycles (minimum)
ELECTRICAL
• Voltage Rating (sea level): Tested at 600 VRMS
• Insulation Resistance: 100 megohms (minimum) at 77° F
• Contact Resistance: 5 milliohms (maximum)
• Current Rating: 7.5 Amps (#20 contact) 6.5 Amps (#20 contact) - 7 and 8 Pin 13.0 Amps (#16 contact) - 2 and 3 Pin
ENVIRONMENTAL
• Temperature Limits: -40°C to +65°C (non-operating)
• Moisture Resistance: Mil-Std 202 Method 106F
• Insulation Resistance: Mil-Std 202 Method 302 condition B
• Thermal Shock: Mil-Std 202 Method 107G
• Salt Spray: Mil-Std 202 Method 101D condition B
RATINGS
• IP16/IP18 CFR 46 Part 110.20
• IP66/IP68 UL 94V-O
• NEMA 250 (6P)
• Patent 5,485,673 File 36049
Company
A
love
.com
EN3 Series Specifications
Company
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com